Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO1704-222ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPO1704-222ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO1704-222ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPO1704-222ML Datasheet HTML 1Page - Coilcraft lnc. LPO1704-222ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors - LPO1704 Series
Typical L vs Frequency
Typical L vs Current
Document 233-2
Document 233-2
Revised 01/27/05
0.1
1
10
100
1000
0.01
0.1
110
Current (A)
10 µH
100 µH
1.2 µH
0.1
1
10
100
1000
0.01
0.1
110
Frequency (MHz)
10 µH
100 µH
1.2 µH
0.216
5,50
max
0.040
1,00
max
0.260
6,60
max
0.029
0,750
Alternate
marking
0.192
4,90
0.168
4,30
0.134
3,40
0.100
2,50
Ø
0.185
4,70
0.100
2,50
0.150
3,80
0.270
6,90
Recommended
Land
Pattern
XXX
Terminations:
Silver-palladium-platinum-glass frit
Tape and reel:
1000/7
″ reel; 3500/13″ reel 12 mm tape width
For packaging data see Tape and Reel Specifications section.


Similar Part No. - LPO1704-222ML

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LPO1704-472M AD-LPO1704-472M Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - LPO1704-222ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com