Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9381 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9381
Description  3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9381 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9381 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9381 Datasheet HTML 2Page - Advantech Co., Ltd. PCM-9381 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
Packing List
Part No.
Description
Quantity
PCM-9381 SBC
1
9689000002
Mini jumper pack
1
Startup manual
1
Utility CD
1
1703100152
Audio cable
1
1701440351
IDE 44 pin
1
1703100121
USB 2 port cable
1
1700260250
Parallel port cable
1
1700060202
Keyboard/mouse cable
1
1701140201
Second serial port cable
1
1700000265
ATX power cable 20P-12P cable
1
Optional
Part No.
Description
1700000410
CABLE DVI-26P/DF13-20-pin 20 cm
1700002595
cable 10-pin-1.27mm /4-pin-1.25 mm 20 cm for PCM-9381/9387
1700002532
FLAT cable 14-pin / 5-pin for internal COM1 RS232 20 cm
Embedded OS
Part No.
Description
2070000584
Win CE 4.2 P-M Core Image, PCM-938x, 2 COM, English, V 1.10
(17.2 MB) (Optional)
2070000585
Win CE 4.2 P-M Pro Image, PCM-938x, 2 COM, English, V 1.10
(29.1 MB) (Optional)
2070000586
Win CE 4.2 P-M Plus Image, PCM-938x, 2 COM, English, V 1.10
(29.9 MB) (Optional)
2070000765
Image CE 5.0 Pro Plus EN for P-M with 2COM
2070000605
Win XPE SP2 Image, PCM-938x, English, V2.10 (440 MB) (Optional)
2066002300
CD SUSI Library V1.0
PCM-9381
Ordering Information
Part No.
CPU
CRT
LVDS
DVI
LAN
USB
RS-232
RS-232/422/485
LPT
GPIO
IrDA
CF
PCI-104
PCM-9381F-00A2E
Socket
1
1
1
1 FE, GbE (Option)
3
1
1
1
2 in, 2 out
optional
1
1
PCM-9381F-M0A2E
Celeron M
600 MHz
1
1
1
1 FE, GbE (Option)
3
1
1
1
2 in, 2 out
optional
1
1
PCM-9381F-S0A2E
Celeron M
1 GHz (373)
1
1
1
1 FE, GbE (Option)
3
1
1
1
2 in, 2 out
optional
1
1
Hub I/F 266MB/s
COM1/COM2
Analog RGB
(855GME)
LPC Super I/O
(Banias/Dothan)
(W83627HF)
FWH
Intel GMCH
400MHz PSB
GPIO
PCI BUS
200-pin SODIMM x 1
DDR SDRAM
(82551/82541)
IRDA
USB 2.0 x 3
10/100/1000M
Intel Pentium M
LPT
Intel ICH4
(82801DB)
LPC Bus
PS/2 KB&MS
DDR266/DDR333
CRT
Connector
LAN
Connector
USB
Connector
DVI
Connector
LVDS
Connector
ALC203 AC97
CODEC
CompactFlash
Primary IDE
Connector
Audio
Connector
PC104PLUS
Connector
CH7301


Similar Part No. - PCM-9381

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-00A2E ADVANTECH-PCM-9380F-00A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-M0A2E ADVANTECH-PCM-9380F-M0A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-S0A2E ADVANTECH-PCM-9380F-S0A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9382 ADVANTECH-PCM-9382 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel Core??2 Duo/VGA, LVDS, LAN, USB, SATA, SSD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com