Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-4390F-S0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-4390F-S0A1E
Description  Onboard Intel짰 Core??Duo EPIC SBC with LVDS/ VGA/ 2 GbE LAN/8 GPIO/ 2 SATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-4390F-S0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-4390F-S0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-4390F-S0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
Features
PCM-4390
Onboard Intel® Core™ Duo EPIC SBC with
LVDS/ VGA/ 2 GbE LAN/8 GPIO/ 2 SATA
EPIC Standard form factor (115 x 165 mm)
High Performance on board Intel® Core™ Duo Processor and with PCI-104
interface
Fanless CPU on board design at Intel U2500 and Celeron-M 423
Display Combination: CRT + LVDS, 36-bit+ 48-bit (optional) LVDS display
support
Supports four COM ports , 8 USB 2.0 ports & 8-bit GPIO
Supports two SATAII ports
Dual 10/100/1000 Mbps PCI Ethernet interface
Supports USB-DOM
ATX Power
LVDS1 Con
VGA Con
COM1
LAN1/2
USB0/1 KB_MS
Audio USB Con
Print/COM
IDE
HD LED/ Power LED
PCI-104
GPIO
SATA
NEW
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System
CPU
Intel Core Duo up to 1.66 GHz
Front Side Bus
533 / 667 MHz
L2 Cache
Up to 2 MB
Chipset
Intel 945GM + ICH7M
BIOS
Award 4 Mbit
Memory
Technology
DDR2 400/533/667
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
-, UDOM (SSD supported)
I/O Interface
LPT
1
RS-232
3
RS-232/422/485
1
K/B
1
Mouse
1
USB
8 x USB 2.0 (2 via USB DOM connector)
Audio
AC97, Line-in, Line-out, Mic-in (optional with PCM-410)
GPIO
8-bit general purpose input/output
SMBus
Supported
SATA
Max. Data Transfer Rate
150
Channel
2
EIDE
Mode
UDMA 33
Channel
1
Expansion Slot
PCI-104
1
Ethernet
Speed
10/100/1000Mbps
Controller
2 x BroadCom BCM5721
Interface
2 x RJ-45
Display
Controller
Intel 945GM
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
LVDS LCD
1 x 36-bit LVDS; 1 x 48-bit LVDS (optional)
Dual Independent Display
CRT + LVDS
LVDS+ LVDS (optional)
Environment
Operation Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
ATX
Power Supply Voltage
+5 V ± 5%, +3 V ± 5%, 5VSB ± 5%, ±12 V, ± 5% (Optional, 12 V optional for PC/104 add on card and LCD inverter)
Power Consumption: Typical
3.75 A @ 5 V, 0.49 A @ 3.3 V, 1.08 A @ 5 VSB, 0.48 A @ 12 V (Core Duo 1.2 GHz with 512 MB DDR2 memory)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
115 x 165 mm (4.5" x 6.5")
Weight
0.35 kg (0.77 lb), with heatsink


Similar Part No. - PCM-4390F-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-4373F-J0A1E ADVANTECH-PCM-4373F-J0A1E Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-4373F-J0A1E ADVANTECH-PCM-4373F-J0A1E Datasheet
1Mb / 2P
   AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
PCM-4373L-J0A1E ADVANTECH-PCM-4373L-J0A1E Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-4373L-J0A1E ADVANTECH-PCM-4373L-J0A1E Datasheet
1Mb / 2P
   AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
More results

Similar Description - PCM-4390F-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9590 ADVANTECH-PCM-9590 Datasheet
377Kb / 2P
   Intel짰 Core??2 Duo EBX SBC with VGA/ LVDS /Dual GbE LAN/ Audio/ PCI-104
1-July-2009
PCI-7020 ADVANTECH-PCI-7020 Datasheet
345Kb / 2P
   LGA775 Intel짰 Core??2 Duo PCI Half-size SBC with VGA/GbE LAN/SATA/DVI and SSD
15-July-2009
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCE-3132 ADVANTECH-PCE-3132 Datasheet
306Kb / 2P
   Socket M Intel짰 Core??2 Duo Half-size SHB with PCIe/VGA/LVDS/Dual GbE LAN
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
PCM-9382 ADVANTECH-PCM-9382 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel Core??2 Duo/VGA, LVDS, LAN, USB, SATA, SSD
PCM-9584 ADVANTECH-PCM-9584 Datasheet
402Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with Audio, VGA/2 LVDS (36-bit, 48-bit)/2 GbE LAN/Audio/4 COM/6 USB/2 SATA
PCM-9590 ADVANTECH-PCM-9590_12 Datasheet
571Kb / 2P
   Intel짰 Core?? Duo Processor EBX SBC with VGA, LVDS, Dual GbE, Audio, PCI-104
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com