Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-4386F-S0A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-4386F-S0A2E
Description  Intel Celeron짰 M EPIC SBC with VGA/ LVDS/ Dual LAN/ PC104 Plus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-4386F-S0A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-4386F-S0A2E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-4386F-S0A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
Ordering Information
Number
CPU
L2 cache
10/100
LVDS
USB 2.0
COM
GPIO LPT CF
USB-DOM
Audio
PC/104-plus Operating
Temp.
Thermal
Solution
PCM-4386F-M0A2E
Celeron M
600 MHz
512 KB
2
36-bit
4
4 ports
8
1
Yes
-
Optional Yes
0 ~ 60° C
Passive
PCM-4386F-S0A2E
Celeron M
1.0 GHz
0 KB
2
36-bit
4
4 ports
8
1
Yes
-
Optional Yes
0 ~ 60° C
Passive
PCM-4386U-S0A2E
Celeron M
1.0 GHz
0 KB
2
36-bit
4
4 ports
8
1
-
Yes
Optional Yes
0 ~ 60° C
Passive
PCM-4386FY-S0A2E
Celeron M
1.0 GHz
0 KB
2
36-bit
4
4 ports
8
1
Yes
-
Optional Yes
-40 ~ 85° C
* Passive
Celeron M
1.0 GHz
0 KB
2
36-bit
4
4 ports
8
1
Yes
-
Optional Yes
-20 ~ 80° C
Passive
Note 1: The PCM-4386FY-S0A1E is a Phoebus with -40 ~ 85° C operations designed in, operates continuously under -40 ~ 85° C for at least 8 hrs.
Note 2: Support for 48-bit LVDS is possible upon evaluation, please contact Advantech for more detail
PCM-4386
Optional Accessories
Part No.
Description
PCD-USBH1I-MS0256
USB-DOM, 256 MB, -40 ~ 85° C
PCD-USBH1I-MS0512
USB-DOM, 512 MB, -40 ~ 85° C
PCD-USBH1I-MS1024
USB-DOM, 1 GB, -40 ~ 85° C
PCD-USBH1I-MS2048
USB-DOM, 2 GB, -40 ~ 8 5° C
9696290100
IDE to CF module
PCM-410A-00A1E
AC97 Audio/USB module for PCM-4380/4386 series
PCM-410C-00A1E
COM/LPT daughter board for EPIC
1700090301
COM2 RS-422/485 D-sub 9P to 4P cable, 30 cm
Packing List
Part No.
Description
Quantity
PCM-4386 SBC
1
9689000002
Mini Jumper Pack
1
Startup Manual
1
Utility CD
1
1700002034
3 COM ports and LPT cable
1
1700002055
ATX power cable
1
1700060202
6P-6P-6P PS/2 KB/MS
1
1700004891
USB cable 2 port/20-pin
1
1701440504
IDE cable
1
1700003931
AT power cable
1
DDR
DIMM
ICH4
6 USB2.0
Audio
CF
IDE
LAN
Connector
Super
I/O
COM
3/4
LPT
COM
1/2
KB/
Mouse
PC/104
connector
Intel
Celeron M
processor
852 GM
VGA Connector
LVDS Connector
LAN
chip
LAN
Connector
LAN
chip
PCI-104 connector
DDR 200/266
LVDS bus
Analog RGB
LPC BUS
DMI I/F


Similar Part No. - PCM-4386F-S0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-M0A2E ADVANTECH-PCM-4380F-M0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-S0A2E ADVANTECH-PCM-4380F-S0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-S4A2E ADVANTECH-PCM-4380F-S4A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380U-S0A2E ADVANTECH-PCM-4380U-S0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
More results

Similar Description - PCM-4386F-S0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4381 ADVANTECH-PCM-4381 Datasheet
378Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9586 ADVANTECH-PCM-9586 Datasheet
341Kb / 2P
   Intel짰 Celeron짰 M Processor 5.25" SBC with LAN/LVDS/Audio
24-Mar-2009
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6881 ADVANTECH-PCI-6881 Datasheet
372Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com