Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD814F4V-90MIT Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD814F4V-90MIT
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD814F4V-90MIT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD814F4V-90MIT Datasheet HTML 2Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 3Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 4Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 5Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 6Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 7Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 8Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 9Page - STMicroelectronics PSD814F4V-90MIT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
6/110
SUMMARY DESCRIPTION
The PSD8XXFX family of memory systems for mi-
crocontrollers (MCUs) brings In-System-Program-
mability (ISP) to Flash memory and programmable
logic. The result is a simple and flexible solution for
embedded designs. PSD devices combine many
of the peripheral functions found in MCU based
applications.
Table 1 summarizes all the devices in the
PSD834F2, PSD853F2, PSD854F2.
The CPLD in the PSD devices features an opti-
mized macrocell logic architecture. The PSD mac-
rocell
was
created
to
address
the
unique
requirements of embedded system designs. It al-
lows direct connection between the system ad-
dress/data bus, and the internal PSD registers, to
simplify communication between the MCU and
other supporting devices.
The PSD device includes a JTAG Serial Program-
ming interface, to allow In-System Programming
(ISP) of the entire device. This feature reduces de-
velopment time, simplifies the manufacturing flow,
and dramatically lowers the cost of field upgrades.
Using ST’s special Fast-JTAG programming, a de-
sign can be rapidly programmed into the PSD in as
little as seven seconds.
The innovative PSD8XXFX family solves key
problems faced by designers when managing dis-
crete Flash memory devices, such as:
First-time In-System Programming (ISP)
Complex address decoding
Simultaneous read and write to the device.
The JTAG Serial Interface block allows In-System
Programming (ISP), and eliminates the need for
an external Boot EPROM, or an external program-
mer. To simplify Flash memory updates, program
execution is performed from a secondary Flash
memory while the primary Flash memory is being
updated. This solution avoids the complicated
hardware and software overhead necessary to im-
plement IAP.
ST makes available a software development tool,
PSDsoft Express, that generates ANSI-C compli-
ant code for use with your target MCU. This code
allows you to manipulate the non-volatile memory
(NVM) within the PSD. Code examples are also
provided for:
Flash memory IAP via the UART of the host
MCU
Memory paging to execute code across
several PSD memory pages
Loading, reading, and manipulation of PSD
macrocells by the MCU.
Table 1. Product Range
Note: 1. All products support: JTAG serial ISP, MCU parallel ISP, ISP Flash memory, ISP CPLD, Security features, Power Management
Unit (PMU), Automatic Power-down (APD)
2. SRAM may be backed up using an external battery.
Part Number(1)
Primary Flash
Memory
(8 Sectors)
Secondary
Flash Memory
4 Sectors)
SRAM(2) I/O Ports
Number of
Macrocells
Serial
ISP
JTAG/
ISC Port
Turbo
Mode
Input
Output
PSD813F2
1 Mbit
256 Kbit
16 Kbit
27
24
16
yes
yes
PSD813F3
1 Mbit
none
16 Kbit
27
24
16
yes
yes
PSD813F4
1 Mbit
256 Kbit
none
27
24
16
yes
yes
PSD813F5
1 Mbit
none
none
27
24
16
yes
yes
PSD833F2
1 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes
PSD834F2
2 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes
PSD853F2
1 Mbit
256 Kbit
256 Kbit
27
24
16
yes
yes
PSD854F2
2 Mbit
256 Kbit
256 Kbit
27
24
16
yes
yes


Similar Part No. - PSD814F4V-90MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD814F4V-90 STMICROELECTRONICS-PSD814F4V-90 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
More results

Similar Description - PSD814F4V-90MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com