Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-4381L-M0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-4381L-M0A1E
Description  Intel짰 Pentium짰 M EPIC SBC with VGA/ 2 LVDS/ Dual Giga LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-4381L-M0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-4381L-M0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-4381L-M0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 06-June-2009
Features
NEW
PCM-4381
Intel® Pentium® M EPIC SBC with
VGA/ 2 LVDS/ Dual Giga LAN
Intel® Celeron® M processor on board/ Socket type
One SODIMM up to 2 GB DDR2 400 MHz or 400/533 MHz
Display Combination: 48-bit LVDS + 48-bit LVDS, CRT + 48-bit LVDS
Dual 10/100/1000 Mbps Ethernet
Supports ATX / AT power modes
AC97 Audio on board
PCI-104 bus
16-bit GPIO, 4 COM (Supports Auto flow control), 2 SATA, 6 USB 2.0 ports
Specifications
Processor System
CPU
Celeron M 600 MHz
Celeron M 1.0 GHz
Pentiun M Socket type 479
Front Side Bus
400 MHz
400 MHz
400/533 MHz
L2 Cache
512 KB
0 KB
depend on CPU
Chipset
Intel 910GMLE + ICH6M
Intel 910GMLE + ICH6M
Intel 915GME + ICH6M
BIOS
Award 4-Mbit
Award 4-Mbit
Award 4-Mbit
Memory
Technology
DDR2 400 (910GMLE), 400/533 (915GME)
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I, Type II
Coastline I/O
VGA
1
COM
1
LAN
2
USB
2
KB/MS
1
I/O Interface
LPT
1
RS-232
2
RS-232/422/485
1
USB
4 x USB 2.0
Audio
AC97, Line-in, Line-out, Mic-in
GPIO
16-bit general purpose input/output
SATA
Max. Data Transfer Rate
150 MB/s
Channel
2
Expansion Slot
PCI-104
1
Ethernet
Speed
10/100/1000 Mbps
Controller
2 x Realtek RTL8111B-GR
Interface
2 x RJ-45
Display
Controller
Intel 910GMLE/915GME
VRAM
Optimized Shared Memory Architecture up to 128 MB system memory
LVDS LCD
1 x 48-bit LVDS1, 1 x 48-bit LVDS2 (optional)
Dual Independent Display
CRT + LVDS, LVDS + LVDS
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F), Z : -20 ~ 80° C (-4 ~ 176° F) (Optional)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
ATX: +5 V ± 5%, ±12 V ± 5%
AT: 5 V only to boot up, 12 V optional for LCD Inverter
Power Consumption
Typical (XP)
5 V:2.59 A (C-M M 1G with DDR2 400 256 MB)
Power Consumption Max,
Test in HCT
5 V:3.22 A (C-M M 1G with DDR2 400 256 MB)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
115 x 165 mm (4.5" x 6.5")
Weight
0.35 kg (0.77 lb) (with Heatsink)
ATX/ AT Power
PCI-104
SATA2
48-bit LVDS1
SATA1
USB3, 4
USB 5, 6
48-bit LVDS2
COM2, 3, 4
& LPT
Audio
KB/MS
USB 1, 2
LAN2
LAN1
COM1
VGA


Similar Part No. - PCM-4381L-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-M0A2E ADVANTECH-PCM-4380F-M0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-S0A2E ADVANTECH-PCM-4380F-S0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380F-S4A2E ADVANTECH-PCM-4380F-S4A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-4380U-S0A2E ADVANTECH-PCM-4380U-S0A2E Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
More results

Similar Description - PCM-4381L-M0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4380 ADVANTECH-PCM-4380 Datasheet
340Kb / 2P
   Intel짰 Pentium짰 M EPIC SBC with VGA/ LVDS/ Dual LAN
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-4386 ADVANTECH-PCM-4386 Datasheet
334Kb / 2P
   Intel Celeron짰 M EPIC SBC with VGA/ LVDS/ Dual LAN/ PC104 Plus
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCM-4390 ADVANTECH-PCM-4390 Datasheet
368Kb / 2P
   Onboard Intel짰 Core??Duo EPIC SBC with LVDS/ VGA/ 2 GbE LAN/8 GPIO/ 2 SATA
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
AIMB-552 ADVANTECH-AIMB-552_10 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com