Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW252018NJL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SW252018NJL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW252018NJL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SW252018NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW252018NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
Polysol 155
Polysol 160
Polysol 180
Polysol 170
Polysol-N 180
Polysol 155p
Polysol 155g
Polysol-N 155
Amldester 200
Estersol 160
Mtl Dsg
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Ⅹ﹒
UL CARD:
Magnet Wire-Comporent
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
OBMW2
WOUND CHIP INDUCTOR
AR-001A
PROD.
NAME
REF :
130
MW-79
Polyurechane
Pg155
Polyurechane
Pp155,Gp155
____
MW-79
155
____
____
____
Nylon
PN180
P170 or G170
P160
P180
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
MW-79
MW-79
MW-79
180
155
156
155
SW2520□□□□L□-□□□
____
____
____
Nylon
____
ABC'S ITEM NO.
August 27, 1999
ABC'S DWG NO.
PN155
P155
A200
E180
Mark Dsg
Polyurechane
Polyurechane
(solderable)
Polyesterimide
Polyesterimide
Coating Type
BC
E143312
MW-80,
MW-79,
MW-79
MW-28
MW-74
MW-77
OC
ANSI
Typ
155,
155,
130
100
200
180
Temp
Class
SPECIFICATION FOR APPROVAL
PAGE: 8


Similar Part No. - SW252018NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SW2520180K2 ABC-SW2520180K2 Datasheet
638Kb / 8P
   WOUND CHIP INDUCTOR
More results

Similar Description - SW252018NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com