Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11358B Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX11358B
Description  16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11358B Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX11358B Datasheet HTML 38Page - Maxim Integrated Products MAX11358B Datasheet HTML 39Page - Maxim Integrated Products MAX11358B Datasheet HTML 40Page - Maxim Integrated Products MAX11358B Datasheet HTML 41Page - Maxim Integrated Products MAX11358B Datasheet HTML 42Page - Maxim Integrated Products MAX11358B Datasheet HTML 43Page - Maxim Integrated Products MAX11358B Datasheet HTML 44Page - Maxim Integrated Products MAX11358B Datasheet HTML 45Page - Maxim Integrated Products MAX11358B Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
16-Bit Data-Acquisition System with ADC, DAC,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
42
______________________________________________________________________________________
NOMINAL
THRESHOLD (mV)
TSEL2
TSEL1
TSEL0
00
X
X
50
100
100
1
0
1
150
1
1
0
200
1
1
1
Table 11. Setting the Signal-Detect
Comparator Threshold
X = Don’t care.
The REF_SDC register contains bits to control the refer-
ence voltage and signal-detect comparator.
REFV<1:0>: Reference buffer voltage gain and enable
bits. Enables the output buffer, and sets the gain and
the voltage at the REF pin as shown in Table 10. Power-
on state is off to enable an external reference to drive
the REF pin without contention.
AOFF: ADC and DAC/op-amp power-off bit. This bit pro-
vides a method for turning off several analog functions
with a single write. Setting AOFF = 1 deasserts the
ADCE in the ADC register and the DAE, DBE, and OP1E
bits in the DACA_OP and DACB_OP registers, powering
down these analog blocks. Setting AOFF = 0 has no
effect. The AON bit has priority when both AON and
AOFF bits are asserted.
Most of the analog functions can be disabled with a
single write to the REF_SDC register by using AOFF,
REFV<1:0>, and SDCE.
AON: ADC and DAC/op-amp power-on bit. This bit pro-
vides a method of turning on several analog functions
with a single write. Setting AON = 1 asserts the ADCE
bit in the ADC register and DAE, DBE, and OP1E bits in
the DACA_OP and DACB_OP register, powering up
these blocks. Setting AON = 0 has no effect. The AON
bit has priority when both AON and AOFF bits are
asserted.
Most of the analog functions can be enabled with a sin-
gle write to the REF_SDC register using AON,
REFV<1:0>, and SDCE.
SDCE: Signal-detect comparator power-enable bit. Set
SDCE = 1 to power up the signal-detect comparator,
and set SDCE = 0 to power down the signal-detect
comparator. The ADCE bit in the ADC register must be
set to 1 to use the signal-detect comparator.
TSEL<2:0>: Threshold-select bits. These bits select the
threshold for the signal-detect comparator as shown in
Table 11.
MSB
LSB
REFV1
REFV0
AOFF
AON
SDCE
TSEL2
TSEL1
TSEL0
REF_SDC Register (Power-On State: 0000 0000)
REFERENCE
BUFFER GAIN
(V/V)
REF OUTPUT
VOLTAGE (V)
REFV1
REFV0
Disabled
Off (High
Impedance
at REF)
00
1.0
1.25
0
1
1.638
2.048
1
0
2.0
2.5
1
1
Table 10. Setting the Reference Output
Voltage


Similar Part No. - MAX11358B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359ACTL++ MAXIM-MAX11359ACTL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359AETL++ MAXIM-MAX11359AETL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
MAX1135BCAP MAXIM-MAX1135BCAP Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
More results

Similar Description - MAX11358B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
   16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com