Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU8045101YF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU8045101YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU8045101YF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU8045101YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU8045101YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SU8045□□□□F□-□□□
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
e﹒Terminal:Ag/Ni/Sn
c﹒Wire :Enamelled copper wire ( Class F & H)
a﹒Core:Ferrite DR core
b﹒Core:Ferrite RI core
d﹒Adhesive :Epoxy resin
e﹒Resistance to solder heat:260℃.10 secs.
d﹒Operating temp.:-40℃----+105℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ typ.
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
AR-001A
SHIELDED SMD
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :20080805-A
I
:
1.40
ref.
H
:
6.20
ref.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
F
:
6.40
typ.
B
:
8.00 ±0.3
C
:
4.50 ±0.3
D
:
2.40
typ.
E
:
3.20
typ.
A
:
8.00 ±0.3
G
:
3.40
ref.
PAGE: 1
200
-(1.0 ~ 5.0)
/ sec max.
F orced Cooling Area
200
250
150
100
100
0
50
50
Time ( seconds )
150
70sec max.
50sec max.
P reheat Area
150 ~ 200
/ 6 0 ~ 120sec
+4 .0
/ sec max.
Temperature
Ris ing Area
Refl ow Area
+2 .0 ~ 4.0
/ sec max.
P eak Tem perature:
250
260℃
230℃
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
I
( PCB Pattern suggestion )
or
H
I
G
b﹒Rated current:
Base on temp. rise &
L / L0A=35% typ.
b
a
e
d
c
f﹒Remark:Products comply with RoHS'
requirements
A
F
White
Marking


Similar Part No. - SU8045101YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU8040100YF ABC-SU8040100YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040101YF ABC-SU8040101YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040150YF ABC-SU8040150YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040151YF ABC-SU8040151YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU8040220YF ABC-SU8040220YF Datasheet
136Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU8045101YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com