Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU6018100YF Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SU6018100YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU6018100YF Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SU6018100YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU6018100YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF :
PAGE: 3
SHIELDED SMD
POWER INDUCTOR
AR-001A
Ⅵ﹒PACKAGING INFORMATION:
( 3 ) Q'TY & G.W. Per package
800
Q'TY (pcs)
SU6018
Series
07 - 12
180
32,000
Inner : Reel
G.W. (gw)
Q'TY (pcs)
Style
42 x 41 x 24
8.2
Size (cm)
Outer : Carton
G.W. (Kg)
A
178
07 - 12
( 2 ) Dimensions
Style
13±0.5
21±0.8
12
B
CD
+0
14
-0
50
18.4
GN
Unit:m/m
T
T
Carrier tape width : D
G
2.0±0.5
C
Embossed carrier
D
Cover Tape
( 1 ) Configuration
Components
200 m/m min.
400 m/m min.
P:8.0m/m
4m/m
no component
Leader
End
User direction of feed
Trailer
no component
Start
SU6018□□□□F□-□□□
20080804-A


Similar Part No. - SU6018100YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU6011100YF ABC-SU6011100YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU6011150YF ABC-SU6011150YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU60111R4YF ABC-SU60111R4YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU6011220YF ABC-SU6011220YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU60112R7YF ABC-SU60112R7YF Datasheet
135Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU6018100YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com