Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU80282R5YF Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SU80282R5YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU80282R5YF Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SU80282R5YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AR-001A
SPECIFICATION FOR APPROVAL
PROD.
NAME
Ⅸ﹒UL CARD:
SU8028□□□□F□-□□□
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 6
___
____
EIW-2
MW74-C
Polyesterimide
200
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
See General Information Preceding These Recognitions
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
fies base coated magnet wire twisted together and covered with top coat overall.
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Recognized Component Mark.
Marking: Company name or trademarks
287806002
UEW-2
UEW-1
UEY
UEW-4
UEY-2
Mtl
Dsg
SFFY
____
____
____
____
Dsg
Mark
____
____
FL.EILOCKY
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
SF.FLY@
SFFW
SF.BW@
PEY
SF.FLW
SF.EIW
SF.BY@
LSUEW
LSFFW
PEW
____
____
____
____
____
____
____
____
____
____
____
____
____
, material designation or marked designation on packaed or reel, and
September 8 , 2000
OBMW2⁄E174837
榮星電線
or
Page 2 of 2
A not -for-profi t organization
dedi cat ed t o public safety and
commi tt ed t o qual it y service
Polyamide
Polyamide
BC
Coat Typ
Page 1 of 2
___
____
MW2-C
Nylon
____
MW28-C
MW75C
MW28-C
OC
____
ANSI
MW80C
Type
Polyurethane
Modified
Polyester
Polyester
Polyurethane
Polyurethane
Polyester
___
Nylon
MW27-C
Modified
Polyamide
____
Modified
Polyamide
Polyamide
MW26C
MW79
___
___
Nylon
Nylon
____
____
Polyamide
____
____
____
MW24-C
MW26C
MW77C
MW27-C
___
___
MW79-C
130
105
130
130
130
Temp
155
Class
155
180
155
155
155
180
155
155
180
155
130
155
155
155
Polyesterimide
Polyesterimide
Polyesterimide
Polyamideimide
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
Polyesterimide
Magnet Wire-Component
EILOCKW
EILOCKY
HSIEN TAIWAN
Dsg
EIW
AIW
EIAIW
CFUEWB
Mtl
Dsg
____
____
____
____
____
____
____
Mark
OBMW2
Polyamideimide
BC
Polyurethane
Coat Typ
Type
OC
Polyamide
Epoxy
Modified
____
____
____
____
___
___
___
MW81-C
MW35C
MW75C
ANSI
September 8, 2000
Class
180
200
220
130
220
200
E174837
Temp
POWER INDUCTOR
SHIELDED SMD
REF : 20070515-B
20080804-C


Similar Part No. - SU80282R5YF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
More results

Similar Description - SU80282R5YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com