Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU80282R5YF Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SU80282R5YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU80282R5YF Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SU80282R5YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU80282R5YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
G
T
Components
200 m/m min.
P:12 m/m
400 m/m min.
4 m/m
User direction of feed
G.W. (Kg)
Outer : Carton
AR-001A
330
( 3 ) Q'TY & G.W. Per package
Q'TY (pcs)
1,500
Series
SU8028
( 2 ) Dimensions
13 - 16
StyleA
Style
13 - 16
G.W. (gw)
1,800
Inner : Reel
Q'TY (pcs)
9,000
13±0.5
B
21±0.8
C
16
D
40 x 40 x 24
Size (cm)
14.5
+0
18
G
-0
50
N
22.4
T
Unit:m/m
Carrier tape width : D
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
End
Leader
no component
C
POWER INDUCTOR
SHIELDED SMD
2.0±0.5
Ⅵ﹒PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
Trailer
no component
Start
Embossed carrier
D
PAGE: 3
Cover Tape
SU8028□□□□F□-□□□
REF : 20070515-B
20080804-C


Similar Part No. - SU80282R5YF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
More results

Similar Description - SU80282R5YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com