Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU4018150YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SU4018150YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU4018150YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SU4018150YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU4018150YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
200
MW-74
Polyesterimide
A200
Amldester 200
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
See General Information preceding These Recognitions
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
AR-001A
Polysol 170
Polysol-N 180
Polysol 155g
Polysol 155p
Polysol 160
Polysol 180
Polysol 155
Polysol-N 155
P170 or G170
PN180
Pp155,Gp155
Pg155
P160
P180
P155
PN155
Nylon
____
____
____
____
____
Nylon
____
156
____
MW-79
180
MW-79
MW-79
MW-79
MW-79
MW-79,
MW-28
MW-79
MW-80,
130
155
155
155
100
155,
130
155,
BC
Polyesterimide
(solderable)
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
REF :20080804-A
PROD.
NAME
Magnet Wire-Comporent
Mtl Dsg
Estersol 160
OBMW2
Mark Dsg
E180
SHIELDED SMD
E143312
SU4018□□□□L□-□□□
Coating Type
OC
____
____
August 27, 1999
Typ
MW-77
ANSI
Class
180
Temp
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 7


Similar Part No. - SU4018150YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU4011100YL ABC-SU4011100YL Datasheet
118Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU4011150YL ABC-SU4011150YL Datasheet
118Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU4011220YL ABC-SU4011220YL Datasheet
118Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU40113R0YL ABC-SU40113R0YL Datasheet
118Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU40114R7YL ABC-SU40114R7YL Datasheet
118Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU4018150YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com