Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3028101YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU3028101YL
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU3028101YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU3028101YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SU3028101YL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
AR-001A
4)﹒Irms base on Temp. rise 40℃ typ.
5)﹒Isat base on △L / LOA=35% typ.
3)﹒Inductance Test Freq.:100KHz / 0.1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
68.0 ± 30 %
22.0 ± 30 %
33.0 ± 30 %
15.0 ± 30 %
( μH )
Inductance
SU3028680YL□
SU3028220YL□
SU3028330YL□
SU3028150YL□
DWG No.
1400
270
450
230
560
1750
290
335
240
600
470
660
typ. max.
( mΩ )
RDC
typ.
Irms
( mA )
( Hz )
Q
Test Freq.
L
2.52M
100K
2.52M
2.52M
2.52M
100K
100K
100K
7
SRF
( MHz )
typ.
25
15
10
20.0
ref.
Q
20.0
18.0
18.0
SU3028101YL□
100.0 ± 30 %
20.0
100K
2200 2750
5
190
SU3028100YL□
20.0
35
100K
2.52M
720
200
160
10.0 ± 30 %
47.0 ± 30 %
SU3028470YL□
8
2.52M
100K
20.0
1000
815
320
DC Current (A)
@ Inductance VS. DC Current Curve
1
100
3
0
10
-2
102
3
2
7
5
10
7
5
-1
10
101
470
2
3
2
7
5
10
2
3
3
7
5
10
10
3
27
5
0
2
3
5
10
7
1
280
480
620
720
( mA )
typ.
Isat
210
860
380
2)﹒"-
":Reference code
□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SU3028□□□□L□-□□□
REF : 20071019-A
20080804-B


Similar Part No. - SU3028101YL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU3000RTXL3UN TRIPPLITE-SU3000RTXL3UN Datasheet
512Kb / 5P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 3U Rack/Tower, USB, DB9 Serial
More results

Similar Description - SU3028101YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com