Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3018100YL Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SU3018100YL
Description  SHIELDED SMD SHIELDED SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU3018100YL Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SU3018100YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU3018100YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ⅷ﹒RELIABILITY TEST:
SPECIFICATION FOR APPROVAL
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 5
PROD.
NAME
SHIELDED SMD
POWER INDUCTOR
AR-001A
SU3018□□□□L□-□□□
More than 95% of the
Electrical oharacteristics shall
Humidity test
Resistance test
High temp.
Solderability
Test item
( Temp. cycle )
Thermal shock test
Specification
than ±20%
not change more
terminal electrode
Shall be covered
With fresh solder.
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Temperature : 105±5℃
Time : 96 hours
Applied current : Per spec.
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
30 minutes
30 minutes
+105 ℃
Test condition
Flux : Rosin
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Room temp.
15 minutes
15 minutes
Room temp.
Preheat : 155
/ 4 hours.
-40 ℃
20080801-A


Similar Part No. - SU3018100YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU3011100YL ABC-SU3011100YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30111R5YL ABC-SU30111R5YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30112R2YL ABC-SU30112R2YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30113R3YL ABC-SU30113R3YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30114R7YL ABC-SU30114R7YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU3018100YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com