Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU30176R8YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU30176R8YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU30176R8YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU30176R8YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU30176R8YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF :20080801-A
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
AR-001A
4)﹒Irms base on Temp. rise 30℃ typ.
5)﹒Isat base on △L / L0A=35% typ.
3)﹒Inductance Test Freq.:100KHz / 0.1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
4.7 ± 30 %
3.3 ± 30 %
2.2 ± 30 %
( μH )
Inductance
SU30174R7YL□
SU30173R3YL□
SU30172R2YL□
DWG No.
68
87
1100
630
typ.
55
35
70
45
max.
( mΩ )
RDC
1450
1700
typ.
Irms
( mA )
800
980
( mA )
typ.
Isat
80
100
SRF
( MHz )
typ.
60
1000
850
680
350
470
530
50
40
35
220
150
105
85
120
175
15.0 ± 30 %
10.0 ± 30 %
6.8 ± 30 %
SU30176R8YL□
SU3017100YL□
SU3017150YL□
SU3017220YL□
SU3017330YL□
SU3017470YL□
47.0 ± 30 %
33.0 ± 30 %
22.0 ± 30 %
250
430
540
670
550
320
30
20
18
210
250
300
600
470
360
Q
ref.
8.0
8.0
10.0
10.0
15.0
20.0
20.0
18.0
20.0
DC Current (A)
@ Inductance VS. DC Current Curve:
0
3
-1
10
-2
102
3
2
7
5
10
7
5
-1
10
470
100
4R7
2R2
2
3
1
7
5
10
2
3
2
7
5
10
10
3
27
5
0
2
3
5
10
7
1
2)﹒"-
":Reference code
□□□
SU3017□□□□L□-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
100K
7.96M
L
100K
100K
7.96M
7.96M
Q
( Hz )/0.1V
Test Freq.
2.52M
2.52M
7.96M
100K
100K
100K
100K
100K
100K
2.52M
2.52M
2.52M


Similar Part No. - SU30176R8YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU3011100YL ABC-SU3011100YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30111R5YL ABC-SU30111R5YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30112R2YL ABC-SU30112R2YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30113R3YL ABC-SU30113R3YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30114R7YL ABC-SU30114R7YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU30176R8YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com