Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU2016330YP Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU2016330YP
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU2016330YP Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU2016330YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU2016330YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU2016330YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU2016330YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU2016330YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU2016330YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
4). Irms base on Temp. rise 40
typ.
5). Isat base on
L / L0A=35% typ.
SU2016220YP□
SU2016100YP□
SU2016150YP□
SU20166R0YP□
SU20164R7YP□
22.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
6.0 ± 30 %
4.7 ± 30 %
SU20163R0YP□
SU20162R2YP□
SU20161R0YP□
DWG No.
1.0 ± 30 %
3.0 ± 30 %
2.2 ± 30 %
Inductance
( μH )
990
430
650
250
215
12
10
2.52
2.52
9
9
7.96
2.52
7.96
30
40
760
500
70
45
80
190
330
165
430
875
600
1150
370
400
520
630
740
135
105
max.
60
( mΩ )
RDC
7.96
8
8
7.96
7.96
Test Freq.
Q
ref.
( MHz )
45
250
120
90
80
105
( MHz )
typ.
SRF
typ.
1500
1600
( mA )
Irms
typ.
2200
1600
1000
( mA )
Isat
typ.
1).
:Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SU2016330YP□
33.0 ± 30 %
1470
12
2.52
20
1125
410
290
8
8
SU2016470YP□
47.0 ± 30 %
2100
15
2.52
20
1650
310
220
SU2016680YP□
68.0 ± 30 %
3510
18
2.52
15
2700
220
175
SU2016101YP□
100.0 ± 30 %
4900
25
0.796
10
3750
190
155
Marking
J
I
H
G
F
E
C
K
L
A
N
M
@ Inductance VS. DC Current Curve
10
0.1
0.01
1
100
1000
10
DC Current ( A )
0.1
1R0
1
100
101
2)."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SU2016□□□□P□-□□□
900
870
REF :


Similar Part No. - SU2016330YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU2011100YL ABC-SU2011100YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011100YP ABC-SU2011100YP Datasheet
98Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011150YL ABC-SU2011150YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011150YP ABC-SU2011150YP Datasheet
98Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20111R0YL ABC-SU20111R0YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU2016330YP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com