Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU30174R7YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SU30174R7YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU30174R7YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SU30174R7YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU30174R7YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NAME
PROD.
REF :20080801-A
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 7
SHIELDED SMD
POWER INDUCTOR
AR-001A
SU3017□□□□L□-□□□
M arking: Dom pany nam e/nateriel designation or m arked designation and factory identification on package ok reel
F or use on ly in equipm ent wh ere the acceptability of the com bination is determined by Underwriters Laboratories Inc.
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
P olysol 155g
S ee General Inform ation preced ing These Recognitions
P olysol-N 1 80
P olysol 170
P olysol 180
P olysol 160
P olysol 155p
ELEKTR ISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
Mtl Dsg
Estersol 160
Am ldester 200
P olysol-N 1 55
P olysol 155
Magnet Wire-Comporent
OBMW2
P p155,Gp155
P olyurechane
155
____
____
M W-79
____
Nylon
____
P N180
P 170 or G170
P 180
P 160
P olyurechane
P olyurechane
P olyurechane
P olyurechane
M W-79
M W-79
M W-79
____
180
156
155
155
August 27, 1999
____
OC
____
Nylon
____
____
P N155
P g155
P 155
E180
A200
Mark Dsg
P olyurechane
(solderable)
P olyurechane
P olyesterimide
P olyesterimide
P olyurechane
Coating Type
BC
E143312
M W-80,
M W-79
M W-79
M W-28
M W-79,
M W-74
M W-77
Typ
ANSI
155,
130
130
155,
100
200
180
Class
Temp


Similar Part No. - SU30174R7YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU3011100YL ABC-SU3011100YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30111R5YL ABC-SU30111R5YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30112R2YL ABC-SU30112R2YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30113R3YL ABC-SU30113R3YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU30114R7YL ABC-SU30114R7YL Datasheet
120Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU30174R7YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com