Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU20134R7YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU20134R7YL
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU20134R7YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU20134R7YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU20134R7YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU20134R7YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU20134R7YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU20134R7YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU20134R7YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SU2013□□□□L□-□□□
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
4). Irms base on Temp. rise 40
typ.
5). Isat base on
L / L0A=35% typ.
SU2013220YL□
SU2013100YL□
SU2013150YL□
SU20136R8YL□
SU20134R7YL□
22.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
6.8 ± 30 %
4.7 ± 30 %
SU20133R3YL□
SU20132R2YL□
SU20131R0YL□
DWG No.
1.0 ± 30 %
3.3 ± 30 %
2.2 ± 30 %
Inductance
( μH )
520
850
330
220
12
12
2.52
2.52
12
7.96
2.52
7.96
25
30
950
650
60
40
72
255
395
165
400
670
460
800
900
350
400
450
600
750
135
120
max.
65
( mΩ )
RDC
7.96
9
10
7.96
7.96
Test Freq.
Q
ref.
( MHz )
48
180
100
80
90
105
( MHz )
typ.
SRF
typ.
1000
1450
( mA )
Irms
typ.
2200
1600
860
950
( mA )
Isat
typ.
1).
:Packaging Information… A:Bulk
B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SU2013330YL□
33.0 ± 30 %
1820
12
2.52
20
1400
300
250
10
10
SU2013470YL□
47.0 ± 30 %
2860
14
2.52
15
2200
250
230
Marking
J
I
H
G
F
E
C
K
L
A
1
1R0
5
-1
10
10
-2
23
2
3
0
10
7
2
5
3
10
7
100
DC Current (A)
5 7 10-1
2
3
57
0
10
2
37
5
1
10
@ Inductance VS. DC Current Curve
5
2
3
470
2
10
7
2)."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
10
1250
REF : 20080701-D


Similar Part No. - SU20134R7YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU20134R7YP ABC-SU20134R7YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU20134R7YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com