Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU1038151YF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU1038151YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU1038151YF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU1038151YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU1038151YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
( PCB Pattern suggestion )
a
c
d﹒Resistance to solder heat:260℃.10 secs.
a﹒Temp. rise :40℃ max.
b﹒Storage temp.:-40℃ ----+125℃
c﹒Operating temp.:-40℃----+105℃
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
AR-001A
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
SHIELDED SMD
NAME
PROD.
REF : 20090506-C
F
LCR Meter
I
HI
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
A
POWER INDUCTOR
e
b
d
PAGE: 1
e﹒Terminal:Ag/Ni/ Sn
d﹒Adhesive :Epoxy resin
b﹒Core:Ferrite RI core
c﹒Wire :Enamelled copper wire ( Class F & H )
a﹒Core:Ferrite DR core
Temperatu re
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Risin g Area
Time ( seconds )
150
250
100
0
50
150
200
100
50
+4.0
/ sec max.
1 50 ~ 200
/ 60 ~ 120 sec
Preheat Area
260
200
250
70sec max.
50sec max.
230
Peak Temperature:
Forced Coo lin g Area
-(1 .0 ~ 5.0)
/ sec max.
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
White
Marking
m/m
A
: 10.0 ±0.3
B
: 10.0 ±0.3
m/m
D
:
3.4 typ.
C
:
3.8 ±0.3
m/m
m/m
G
:
4.0 ref.
H
:
7.2 ref.
F
:
7.4 typ.
E
:
3.2 typ.
m/m
m/m
m/m
m/m
I
:
1.8 ref.
m/m
f﹒Remark:Products comply with RoHS'
requirements
SU1038□□□□F□-□□□


Similar Part No. - SU1038151YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU1030100YF ABC-SU1030100YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030101YF ABC-SU1030101YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030150YF ABC-SU1030150YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030151YF ABC-SU1030151YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030220YF ABC-SU1030220YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU1038151YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com