Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4208 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4208
Description  Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4208 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4208_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 10Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 11Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 12Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 13Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 14Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 15Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 16Page - Maxim Integrated Products MAX4208_09 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ultra-Low Offset/Drift, Precision
Instrumentation Amplifiers with REF Buffer
______________________________________________________________________________________
15
The ultra-low VOS of the MAX4208/MAX4209 allows full-
scale VSENSE of only 10mV to 20mV for minimally inva-
sive current sensing using milliohm sense resistors to
get high accuracy. Previous methods used the internal
resistance of the inductor in the step-down DC-DC con-
verter to measure the current, but the accuracy was
only 20% to 30%. Using a full-scale VSENSE of 20mV, a
20µV max, VOS error term is less than 0.1% and
MAX4209H gain error is 0.25% max at 100x, so the
total accuracy is greatly improved. The 0 to 2V output
of MAX4209H can be sent to an ADC for calculation.
The adjustable gain of MAX4208, can be set to a gain
of 250x using 1k
Ω and 249kΩ resistors, to scale up a
lower 10mV VSENSE voltage to a larger 2.5V output volt-
age for wider dynamic range as needed.
ASIC
IN+
IN-
REF
VSS
VDD
REFIN/MODE
1V AT 10A
ADC
ANTI-ALIASING
FILTER
0.002
Ω
+VSENSE-
MAX4209H
OUT
+3.3V
VSENSE = 10A x 0.002
Ω = 20mV
POWER IN RSENSE = 10A x 20mV = 200mW
OUT = G x 20mV = 100 x 20mV = 2V
Figure 5. MAX4208/MAX4209 Used as Precision Current-Sense Amplifiers for Notebook Computers with VSENSE of 20mV
IN-
IN+
REFIN/MODE
REF
FB
MAX4208
R4
R3
VDD
VSS
CFB
5V
OUT
REF
R2
FB
R1
G = 1 + R2
R1
BUFFER OUT =
VDD/2
VDD/2
Typical Application Circuit


Similar Part No. - MAX4208_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208AUA++ MAXIM-MAX4208AUA+ Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4208AUA+T MAXIM-MAX4208AUA+T Datasheet
250Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208AUA+T MAXIM-MAX4208AUA+T Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4208EVKIT MAXIM-MAX4208EVKIT Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4208EVKIT++ MAXIM-MAX4208EVKIT+ Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
More results

Similar Description - MAX4208_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208 Datasheet
250Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com