Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR0906562KL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SR0906562KL
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0906562KL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SR0906562KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0906562KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
400 m/m min.
200 m/m min.
Components
330
A
600
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
AR-001A
Series
SR0906
( 2 ) Dimensions
13 - 24
Style
Inner : Reel
1,400
G.W. (gw)
13 - 24
Style
Outer : Carton
2,400
Q'TY (pcs)
7.6
G.W. (Kg)
User direction of feed
21±0.8
BC
13±0.5
D
24
G
+0
26
40 x 40 x 24
Size (cm)
Unit:m/m
N
-0
50
T
30.4
2.0±0.5
Ⅶ﹒PACKAGING INFORMATION:
SMD POWER INDUCTOR
no component
Leader
End
( 1 ) Configuration
REF : 20080801-A
PROD.
NAME
Embossed carrier
Carrier tape width : D
4 m/m
P:16 m/m
101
101
101
101
101
G
C
Trailer
no component
Start
D
T
ABC'S ITEM NO.
ABC'S DWG NO.
Cover tape
PAGE: 4
SR0906□□□□L□-□□□


Similar Part No. - SR0906562KL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR090 YANGJIE-SR090 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
Chenmko Enterprise Co. ...
SR090PT CHENMKO-SR090PT Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR0906562KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com