Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR06021R0ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SR06021R0ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR06021R0ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SR06021R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR06021R0ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
200
Polyesterimide
Amldester 200
A200
MW-74
See General Information preceding These Recognitions
PN180
P170 or G170
P155p
Pp155,Gp155
P180,G180
P155, G155
P160
Pg155
Marking:Company name, material designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
PN155
AR-001A
Polysol-N 180
Polysol 170
Polysol P155p
Polysol 155g
Polysol 180
Polysol 160
Polysol 155p
Polysol 155
Polysol-N 155
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
MW-79
Nylon
____
____
MW-79
MW-83
MW-79
____
____
____
____
____
Nylon
MW-75
MW-75
MW-79
MW-82
MW-79
MW-28
MW-79,
MW-80,
155
155
180
155
130
130
155
180
155
130
155,
155,
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
Magnet Wire-Comporent
Mark Dsg
E180
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
Estersol 180
Mtl Dsg
OBMW2
NAME
PROD.
REF : 20090312-B
Temp
Class
SR0602□□□□L□-□□□
October 06, 2005
Coating Type
Polyesterimide
BC
(solderable)
OC
____
____
Typ
MW-77
ANSI
ABC'S DWG NO.
ABC'S ITEM NO.
180
E143312
PAGE: 8


Similar Part No. - SR06021R0ML

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR060 YANGJIE-SR060 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
ABC Taiwan Electronics ...
SR0603100ML ABC-SR0603100ML Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603101KL ABC-SR0603101KL Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603120ML ABC-SR0603120ML Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603121KL ABC-SR0603121KL Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SR06021R0ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com