Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP90A Datasheet(PDF) 2 Page - Transys Electronics

Part # 5KP90A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

5KP90A Datasheet(HTML) 2 Page - Transys Electronics

  5KP90A Datasheet HTML 1Page - Transys Electronics 5KP90A Datasheet HTML 2Page - Transys Electronics 5KP90A Datasheet HTML 3Page - Transys Electronics 5KP90A Datasheet HTML 4Page - Transys Electronics 5KP90A Datasheet HTML 5Page - Transys Electronics 5KP90A Datasheet HTML 6Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 S waveform
(Note 1, FIG.1)
PPPM
Minimum 5000
Watts
Peak Pulse Current on 10/1000 S waveform
(Note 1, FIG.3)
IPPM
SEE TABLE 1
Amps
Steady State Power Dissipation at TL=75 Lead Lengths
.375”,(9.5mm) (Note 2)
PM(AV)
8.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load, (JECED Method) (Note 3)
IFSM
400
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +175
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2.
2.Mounted on Copper Leaf area of 0.79in
2(20mm2).
3.Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle= 4 pulses per minutes maximum.
RATING AND CHARACTERISTIC CURVES 5KP SERIES
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE


Similar Part No. - 5KP90A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP90A SURGE-5KP90A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP90A HUAXINAN-5KP90A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Vishay Siliconix
5KP90A VISHAY-5KP90A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Shenzhen Luguang Electr...
5KP90A LUGUANG-5KP90A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
First Components Intern...
5KP90A FCI-5KP90A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5KP90A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com