Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6108-0B2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-6108-0B2E
Description  8-slot PCI/ISA Backplanes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6108-0B2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-6108-0B2E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
PCI/ISA Backplanes
PCA-6108E-0C2E
 Segments: 1
 Slots: 8 ISA
 Size: 180 x 190 mm (7.09" x 7.48")
 Ordering Information: PCA-6108E-0C2E
PCA-6108P4-0C2E
 Segments: 1
 Slots: 3 ISA, 3 PCI, 1 PICMG/PCI, 1 PICMG
 Size:180 x 260 mm (7.09" x 10.24")
 Ordering Information: PCA-6108P4-0C2E
PCA-6108-0B2E
 Segments: 1
 Slots: 8 ISA
 Size: 222 x 171 mm (8.74" x 6.73")
 Only for commercial PC chassis (baby AT size)
 Ordering Information: PCA-6108-0B2E
PCA-6108P6-0B4E
 Segments: 1
 Slots: 1 ISA, 5 PCI, 1 PICMG/PCI, 1 PICMG
 Size: 180 x 260 mm (7.09" x 10.24")
 PCI bridge: Intel 21152
 Primary PCI: 3 slots; Secondary PCI: 3 slots
 Ordering Information: PCA-6108P6-0B4E
8-slot PCI/ISA Backplanes RoHSCOMPLIANT
2002/95/EC
Compatible with IPC Chassis: IPC-6908/IPC-6608
PCA-6108P3X-0A2E
 Segments: 1
 Slots: 3 ISA, 3 PCI (64-bit/66MHz), 2 PICMG
 Size:180 x 305 mm (7.09" x 12")
 Ordering Information: PCA-6108P3X-0A2E


Similar Part No. - PCA-6108-0B2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6108-0B2E ADVANTECH-PCA-6108-0B2E Datasheet
2Mb / 2P
   Backplanes Compatible with Half-Size SBCs
More results

Similar Description - PCA-6108-0B2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6108P4-0C2E ADVANTECH-PCA-6108P4-0C2E Datasheet
4Mb / 4P
   8-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_11 Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6119P17-0B2E ADVANTECH-PCA-6119P17-0B2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6114P7-0D3E ADVANTECH-PCA-6114P7-0D3E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P10-0B2E ADVANTECH-PCA-6114P10-0B2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6120P18-0A2E ADVANTECH-PCA-6120P18-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6120P12-0A2E ADVANTECH-PCA-6120P12-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6119P16X ADVANTECH-PCA-6119P16X Datasheet
226Kb / 1P
   20-slot ISA/PCI Backplanes
PCA-6105P3-5A1E ADVANTECH-PCA-6105P3-5A1E Datasheet
4Mb / 4P
   5-slot PCI/ISA Backplanes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com