Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ07038R2ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SQ07038R2ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ07038R2ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SQ07038R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ07038R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
not change more
than ±20%
Electrical oharacteristics shall
AR-001A
Resistance test
High temp.
Humidity test
Thermal shock test
( Temp. cycle )
Applied current : Per spec.
Temperature : 105±5℃
Time : 96 hours
Temperature : 40±2℃
Humidity : 90±5%
Time : 1000 hours
Total : 50 cycles
15 minutes
Room temp.
15 minutes
Room temp.
30 minutes
+105 ℃
30 minutes
-40 ℃
Specification
With fresh solder.
Shall be covered
terminal electrode
More than 95% of the
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
Test item
Solderability
Ⅸ﹒RELIABILITY TEST:
PROD.
NAME
REF : 20080527-A
Preheat : 155
/ 4 hours.
Solder temp. : 235±5℃
Dip time : 5±0.5 seconds
Test condition
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Flux : Rosin
ABC'S ITEM NO.
ABC'S DWG NO.
SQ0703□□□□L□-□□□
PAGE: 6


Similar Part No. - SQ07038R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0504100ML ABC-SQ0504100ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504101KL ABC-SQ0504101KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504220ML ABC-SQ0504220ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504221KL ABC-SQ0504221KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ05042R2ML ABC-SQ05042R2ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ07038R2ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com