Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3226220KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ3226220KL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ3226220KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ3226220KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ3226220KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ3226220KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ3226220KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ3226220KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ3226220KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
3)﹒IDC base on Temp. rise 20℃ max. & △L / LOA=10% typ.
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
@ Impedance vs. Frequency
AE-001A
2
10
10 -1
0
23
5
3
2
0
10
7
3
7
3
5
1
2
10
2
10
5
7
1R0
Frequency ( MHz )
7
510 1
3
25
2
10
72
5
37
100
101
2)﹒"-
":Reference code
SQ3226101KL□-□□□
SQ3226330KL□-□□□
SQ3226470KL□-□□□
SQ3226680KL□-□□□
SQ3226220KL□-□□□
SQ3226150KL□-□□□
1)﹒Inductance Test Freq.:1MHz / 0.1V
SQ3226100KL□-□□□
□ □
100.0 ± 10%
68.0 ± 10%
33.0 ± 10%
47.0 ± 10%
15.0 ± 10%
22.0 ± 10%
10.0 ± 10%
SMD POWER INDUCTOR
SQ32264R7ML□-□□□
SQ32262R2ML□-□□□
SQ32261R0ML□-□□□
DWG No.
NAME
PROD.
REF :
4.7 ± 20%
2.2 ± 20%
1.0 ± 20%
Inductance
( µH )
@ Inductance vs. DC Current curve.
DC Current (mA)
2
10
3
10 0
5
3
2
1
10
7
1
3
27
5
2
10
1R0
3
7
5
3
2
10
2
3
10
7
5
100
101
3
25
3
710
2
10
5
37
4
4.550
1.430
1.690
2.860
0.923
0.754
0.390
10.0
12.0
19.0
17.0
15.0
26.0
26.0
100
130
250
200
170
300
450
0.195
0.126
0.078
RDC
max.
43.0
63.0
100.0
(MHz)
SRF
min.
(Ω)
ABC'S ITEM NO.
ABC'S DWG NO.
790
650
1000
(mA)
IDC
SQ3226□□□□L□-□□□
PAGE: 2


Similar Part No. - SQ3226220KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ3225100K2 ABC-SQ3225100K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225100K3 ABC-SQ3225100K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
SQ3225100KL ABC-SQ3225100KL Datasheet
491Kb / 7P
   SMD POWER INDUCTOR
SQ3225101K2 ABC-SQ3225101K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225101K3 ABC-SQ3225101K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ3226220KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com