Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ0805150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ0805150ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ0805150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ0805150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ0805150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ0805150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ0805150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ0805150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ0805150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
102
330
100
2R2
R56
AE-001A
2
2
10
-1
10
3
2
1
0
7
5
3
10
1
5
3
10
7
3
2
5
7
DC Current (mA)
2
10
57
7
5
23
3
2
1034
10
7
5
SPECIFICATION FOR APPROVAL
3). Inductance Test Freq. at 100KHz / 0.25V.
SMD POWER INDUCTOR
Inductance
( µH )
0.56 ±20%
4.70 ±20%
2.20 ±20%
1.20 ±20%
Ⅴ﹒
ELECTRICAL CHARACTERISITCS:
15.00 ±20%
10.00 ±20%
47.00 ±20%
33.00 ±20%
22.00 ±20%
@ Inductance vs. DC Currnt curve.
1). □:Packaging information… A:Bulk B:Taping Reel
SQ08054R7ML□-□□□
SQ0805470ML□ -□□□
5). Isat Base on △L/L0A = 30% typ.
4). Irms Base on
T = 40
max.
△℃
2). "-
":Reference code
□□□
SQ0805330ML□
SQ0805220ML□
SQ0805150ML□
SQ0805100ML□
-□□□
-□□□
-□□□
-□□□
REF :
NAME
PROD.
SQ08052R2ML□
SQ08051R2ML□
SQ0805R56ML□
DWG No.
-□□□
-□□□
-□□□
3.00
4.20
35.00
35.0
260.00
8.0
10.0
15.0
19.0
26.0
185.00
160.00
60.00
90.00
1.00
1.30
3.00
2.40
1.60
2.00
1.20
1.60
2.40
2.00
SQ0805□□□□L□-□□□
75.0
100.0
SRF
( MHz )
nom.
200.0
4.50
16.00
8.20
( mΩ )
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.
Isat
12.00
( A )
8.80
6.50
9.00
4.50
6.00
( A )
Irms
PAGE: 2


Similar Part No. - SQ0805150ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0504100ML ABC-SQ0504100ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504101KL ABC-SQ0504101KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504220ML ABC-SQ0504220ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504221KL ABC-SQ0504221KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ05042R2ML ABC-SQ05042R2ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ0805150ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com