Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6035R47YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SP6035R47YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP6035R47YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SP6035R47YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP6035R47YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Reflow Area
+2.0 ~ 4.0℃
70sec max.
50sec max.
SP6035□□□□L□-□□□
B : 6.60±0.30
B' : 7.00±0.30
C : 3.50±0.30
A : 6.60±0.30
E : 1.50 typ.
D : 3.20 typ.
c
Ⅲ﹒
MATERIALS LIST:
c﹒Wire:Ultra-fine rectangular
b﹒Core:Iron I core
a﹒Core:Iron ER core
d﹒Adhesive:Epoxy resin
Ⅳ﹒
GENERAL SPECIFICATION:
b﹒Operating temp .:-55℃ ~ +125℃
a﹒Storage temp.:-55℃ ~ +125℃
c﹒Resistance to solder heat:260℃. 10 secs.
e﹒Remark:Products comply with RoHS'
AR-001A
requirements
( Temp. rise included )
Enamelled copper wire
100
0
50
50
150
250
200
Time ( seconds )
100
150
150 ~ 200
/ 60 ~ 120sec
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Peak Temp:260℃ max.
Rising Area
Temperature
+4.0
/ sec max.
Preheat Area
/ sec max.
d
b
SHIELDED SMD
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
MECHANICAL DIMENSIONS:
1
( White )
Inductance code
Marking
PROD.
NAME
REF :
5.2
7.4
3.0
( PCB Pattern )
2
E
2.2
a
2.2
ABC'S ITEM No.
SPECIFICATION FOR APPROVAL
C
B'
B
POWER INDUCTOR
ABC'S DWG No.
260
200
250
230
Peak Temperature:
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SP6035R47YL

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6035A SYNC-POWER-SP6035A Datasheet
543Kb / 6P
   High Performance Synchronous Rectifying Converter
2019/8/15 Ver 1
SP6035AT255RGB SYNC-POWER-SP6035AT255RGB Datasheet
543Kb / 6P
   High Performance Synchronous Rectifying Converter
2019/8/15 Ver 1
More results

Similar Description - SP6035R47YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com