Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP24801R8YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SP24801R8YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP24801R8YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SP24801R8YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP24801R8YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF :
PAGE: 1
PROD.
NAME
ABC'S DWG No.
ABC'S ITEM No.
Ⅰ﹒
MECHANICAL DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅳ﹒
GENERAL SPECIFICATION:
a﹒Core:Ferrite core
b﹒Wire:Ultra-Fine rectangular
d﹒Terminal:Cu / Ni / Sn
Ⅲ﹒
MATERIALS LIST:
e
c
b
a
Enamelled copper wire
e﹒Adhesive:Epoxy resin
SHIELDED SMD
c﹒Base:UL 94V-0
I :
5.0 typ.
H : 15.8 typ.
A : 22.5±0.5
F :
5.0 typ.
E :
3.3 typ.
D : 17.6 typ.
C :
8.7 max.
B : 24.0±0.5
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
POWER INDUCTOR
AR-001A
SPECIFICATION FOR APPROVAL
G :
7.0 typ.
m/m
F
G
d
( Temp. rise included )
b﹒Operating temp .:-40℃ ~ +125℃
a﹒Storage temp.:-40℃ ~ +125℃
c﹒Resistance to solder heat:260℃. 10 secs.
f﹒Solder wire:Sn / Cu
g﹒Tape:Kapton class H
f
SP2480□□□□L□-□□□
Time ( seconds )
100
0
50
150
200
250
50
100
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
Temperature
Rising Area
150 ~ 200
/ 60 ~ 120sec
Preheat Area
260
250
200
150
50sec max.
70sec max.
230
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
Peak Temperature:
Marking
A
1R0
h﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SP24801R8YL

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
   Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Rhombus Industries Inc.
SP24-1001 RHOMBUS-IND-SP24-1001 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results

Similar Description - SP24801R8YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com