Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN3010330ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SN3010330ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SN3010330ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SN3010330ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SN3010330ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SN3010330ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SN3010330ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SN3010330ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SN3010330ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅸ﹒UL CARD:
REF : 20091116-C
NAME
PROD.
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 6
AR-001A
SMD POWER INDUCTOR
130
MW-75
Marking:Company name, material designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
MW-75
MW-79
MW-82
MW-79
MW-79
MW-79
MW-79
MW-83
Pg155
PN180
P170 or G170
Pp155,Gp155
See General Information preceding These Recognitions
P180,G180
P160
P155p
Polysol P155p
Polysol 155g
Polysol-N 180
Polysol 170
Polysol 180
Polysol 160
Polysol 155p
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Nylon
____
____
____
____
____
____
155
180
155
180
155
130
155
155
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
Typ
MW-74
MW-28
MW-80,
MW-79,
MW-77
ANSI
ELEKTRISOLA (MALAYSLA) SDN BHD
Mark Dsg
E180
A200
P155, G155
PN155
DARUL MAKMUR MALAYSIA
Magnet Wire-Comporent
Mtl Dsg
Estersol 180
Amldester 200
Polysol-N 155
Polysol 155
OBMW2
(solderable)
Polyurechane
Polyesterimide
Polyesterimide
Polyurechane
Coating Type
BC
Nylon
____
____
OC
____
October 06, 2005
E143312
Temp
Class
200
155,
130
155,
180
SN3010□□□□L□-□□□


Similar Part No. - SN3010330ML

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN3000 KNIGHTSBRIDGE-SN3000 Datasheet
178Kb / 1P
   10AX 2G 2-way Switch
25/03/2024
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
   Smart Energy Module
SN3020EVK MURATA-PS-SN3020EVK Datasheet
486Kb / 26P
   Smart Energy Module
More results

Similar Description - SN3010330ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com