Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL160856NJL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SL160856NJL
Description  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL160856NJL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SL160856NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL160856NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL160856NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL160856NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL160856NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL160856NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL1608□□□□L□-□□□
D : 0.4 typ.
C : 0.8±0.2
B : 0.8±0.2
A : 1.6±0.2
2.7
0.9
SPECIFICATION FOR APPROVAL
Time ( seconds )
150
( PCB Pattern )
c﹒Terminal:Solder coat over Ni plate (Lead content 100ppm max.)
Ⅳ﹒
GENERAL SPECIFICATION:
AR-001A
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Rated current:Current cause inductance
e﹒Remark:Products comply with RoHS'
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
drop within 10% max.
a﹒Temp rise :15℃ max
d﹒Coating:Epoxy resin
requirements
100
0
50
250
150
200
100
50
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
Rising Area
Temperature
150 ~ 200
/ 60 ~ 120sec
Preheat Area
d
NAME
PROD.
Ⅲ﹒
MATERIALS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
REF :
0.9
B
D
D
b﹒Wire :Copper
a﹒Core:Ceramic
WOUND CHIP INDUCTOR
A
ABC'S ITEM NO.
ABC'S DWG NO.
Peak Temperature:
200
250
70sec max.
50sec max.
260
230
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
Reflow Area
/ sec max.
+2.0 ~ 4.0℃
b
0.9
c
a
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SL160856NJL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Silicon Laboratories
SL16010DC SILABS-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16010DCT SILABS-SL16010DCT Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Similar Description - SL160856NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com