Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH4028150YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH4028150YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH4028150YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH4028150YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH4028150YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF : 20090506-B
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
510
600.0
100.0 ±30%
SH4028101YL□
1).
:Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SH4028561YL□
SH4028121YL□
SH4028391YL□
SH4028331YL□
SH4028221YL□
SH4028271YL□
SH4028181YL□
SH4028151YL□
SH4028471YL□
560.0 ±30%
3000.0
470.0 ±30%
390.0 ±30%
330.0 ±30%
270.0 ±30%
220.0 ±30%
180.0 ±30%
150.0 ±30%
120.0 ±30%
2200.0
2600.0
1500.0
1700.0
860.0
1000.0
1250.0
700.0
220
470
260
300
340
320
390
420
240
SH40283R9YL□
SH4028330YL□
SH4028390YL□
SH4028560YL□
SH4028470YL□
SH4028680YL□
SH4028820YL□
SH4028220YL□
SH4028270YL□
SH40286R8YL□
SH40288R2YL□
SH4028120YL□
SH4028100YL□
SH4028150YL□
SH4028180YL□
SH40285R6YL□
SH40284R7YL□
SH40283R3YL□
SH40282R2YL□
SH40282R7YL□
SH40281R8YL□
SH40281R2YL□
DWG No.
1720
60.0
3.9 ±30%
47.0 ±30%
82.0 ±30%
68.0 ±30%
56.0 ±30%
22.0 ±30%
27.0 ±30%
33.0 ±30%
39.0 ±30%
280.0
400.0
520.0
320.0
230.0
250.0
200.0
185.0
8.2 ±30%
18.0 ±30%
15.0 ±30%
12.0 ±30%
10.0 ±30%
6.8 ±30%
5.6 ±30%
4.7 ±30%
100.0
125.0
150.0
160.0
110.0
85.0
90.0
70.0
820
795
700
750
630
560
925
890
1300
1250
1120
1190
1030
980
1380
1550
1.2 ±30%
3.3 ±30%
2.2 ±30%
2.7 ±30%
1.8 ±30%
( μH )
Inductance
20.0
35.0
30.0
28.0
25.0
(mΩ)
max.
RDC
2150
2500
2350
2700
3100
(mA)
max.
Irms
4). Irms base on Temp. rise 30
max.
5). Isat base on △L/L0A=35% typ.
300
150
280
160
170
200
180
230
260
155
1500
580
500
410
480
360
320
720
600
1150
1050
850
1000
780
750
1200
1300
1650
2050
1800
2200
2560
(mA)
typ.
Isat
AR-001A
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
10.0
3.0
6.1
4.3
2.9
3.9
4.3
6.8
6.7
8.8
77.0
27.0
20.0
9.8
13.0
10.0
11.0
18.0
16.0
23.0
45.0
29.0
30.0
30.0
68.0
58.0
42.0
79.0
143.0
90.0
88.0
117.0
SRF
typ.
(MHz)
typ.
13.0
476.0
2478.0
1008.0
1338.0
2128.0
1798.0
1192.0
685.0
778.0
555.0
26.0
128.0
196.0
395.0
310.0
250.0
218.0
156.0
183.0
144.0
76.0
95.0
115.0
86.0
70.0
65.0
47.0
42.0
20.0
22.0
16.0
SH4028□□□□L□-□□□
□□
2)."-
":Reference code


Similar Part No. - SH4028150YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH4022100YL ABC-SH4022100YL Datasheet
154Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4022101YL ABC-SH4022101YL Datasheet
154Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4022121YL ABC-SH4022121YL Datasheet
154Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4022150YL ABC-SH4022150YL Datasheet
154Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4022151YL ABC-SH4022151YL Datasheet
154Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH4028150YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com