Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH40183R9YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH40183R9YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH40183R9YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH40183R9YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH40183R9YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF : 20090506-B
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
AR-001A
22.0 ±30%
880
300
SH4018220YL□
1).
:Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SH4018820YL□
SH4018101YL□
SH4018680YL□
SH4018470YL□
SH4018390YL□
SH4018270YL□
SH4018330YL□
SH4018560YL□
100.0 ±30%
82.0 ±30%
68.0 ±30%
1350
1200
860
39.0 ±30%
47.0 ±30%
56.0 ±30%
27.0 ±30%
33.0 ±30%
540
600
820
420
370
430
400
500
620
640
770
730
520
SH40188R2YL□
SH4018180YL□
SH4018100YL□
SH4018150YL□
SH4018120YL□
SH40184R7YL□
SH40183R9YL□
SH40185R6YL□
SH40186R8YL□
SH40183R3YL□
SH40182R7YL□
SH40181R8YL□
SH40181R0YL□
DWG No.
8.2 ±30%
135
18.0 ±30%
15.0 ±30%
10.0 ±30%
12.0 ±30%
280
220
150
170
4.7 ±30%
5.6 ±30%
6.8 ±30%
3.9 ±30%
3.3 ±30%
82
100
90
75
65
1400
1300
920
1030
1150
1640
1500
1720
1820
1950
1.0 ±30%
2.7 ±30%
1.8 ±30%
( μH )
Inductance
35
58
60
(mΩ)
max.
RDC
2030
2350
2700
(mA)
max.
Irms
4). Irms base on Temp. rise 30
max.
5). Isat base on △L/L0A=35% typ.
650
320
300
380
450
480
600
500
400
1100
1000
750
820
900
1250
1150
1500
1650
1800
1950
2200
2600
(mA)
typ.
Isat
(MHz)
typ.
SRF
29
13
12
13
20
19
23
21
15
40
30
38
30
32
55
60
57
49
61
78
105
219
240
1050
935
670
420
450
643
324
286
102
224
174
114
130
62
78
70
55
49
25
43
45
typ.
2
1
7
5
10
10 0
2
35
1R0
10
7
2
7
5
3
2
10 1
5
7
3
2
10 2
330
100
4R7
101
10
2
3
57
3
2
3
5
10
7
4
DC Current (mA)
@ Inductance VS. DC Currrent Curve
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SH4018□□□□L□-□□□


Similar Part No. - SH40183R9YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH4011100YL ABC-SH4011100YL Datasheet
162Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4011101YL ABC-SH4011101YL Datasheet
162Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4011150YL ABC-SH4011150YL Datasheet
162Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH4011151YL ABC-SH4011151YL Datasheet
162Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH40111R2YL ABC-SH40111R2YL Datasheet
162Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH40183R9YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com