Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6806BP-25ZCE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-6806BP-25ZCE
Description  6-Slot Desktop/Wallmount Chassis with 1U Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6806BP-25ZCE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-6806BP-25ZCE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6806BP-25ZCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Installation
Dimensions
Unit: mm
Unit: mm
Ordering Information
Part Number
Power
Supply
Backplane
Regulation Switch
IPC-6806SB-15ZBE 1757000209G -
CE
AT
IPC-6806BP-25ZCE 1757001397
-
CE
ATX
IPC-6806P3-25ZCE 1757001397
PCA-6106P3-0D2E CE
ATX
IPC-6806WB-30ZBE 1757000160G -
CE
AT
IPC-6806
Selection Guide
Part Number
IPC-6806SB-15ZBE
IPC-6806BP-25ZCE
IPC-6806WB-30ZBE
Drive Bay
3.5" FDD x 1, 3.5" HDD x 1
3.5" FDD x 1, 3.5" HDD x 1
5.25" ODD x 1, 3.5" FDD x 1, 3.5" HDD x 1
Power Supply
150 W PFC
250 W PFC
300 W PFC
Backplane
PCA-6106-0B2E, PCA-6105P5-0B2E
(for half-sized cards only)
PCA-6106-0B2E, PCA-6106P3-0D2E,
PCA-6105P5-0B2E, PCA-6104P4-0A2E
PCA-6106-0B2E, PCA-6106P3-0D2E,
PCA-6106P4-0A2E, PCA-6105P5-0B2E
Dimensions (W x H x D) 191 x 170 x 285 mm (7.5" x 6.7" x 11.2")
166 x 170 x 393 mm (6.5" x 6.7" x 15.4")
198 x 213 x 393 mm (7.8" x 8.4" x 15.4")
Weight
5.6 kg (12.3 lb)
6.3 kg (13.9 lb)
8 kg (17.6 lb)
Power Supply Options
Part Number
Specifications
Watt
Input
Output
Mini-load
Safety
MTBF
1757000209G
(IPC-6806S)
150 W ATX
AC 100 ~ 240 V
(full-range)
+5 V @ 14 A, +3.3 V @ 10 A
+12 V @ 6 A, -12 V @ 0.8 A
-5 V @ 0.5 A, +5 Vsb @ 1.5 A
+5 V @ 2 A, +12 V @ 1 A
-5 V @ 0.1 A, -12 V @ 0.1 A
+5 V @ 0.1 A
UL/TUV/CB/CCC
84,000 hours @ 25° C
1757001397
(IPC-6806)
250 W ATX
AC 100 ~ 240 V
(full-range)
+5 V @ 23 A, +3.3 V @ 14 A,
+12 V @ 16 A, -12 V @ 0.5 A,
-5 V @ 0.2 A, +5 Vsb @ 2 A
+5 V @ 3 A, +3.3 V @ 1 A,
+12 V @ 2 A
UL/TUV/CB/CCC
110,000 hours @ 25° C
1757000160G
(IPC-6806W)
300 W ATX
AC 100 ~ 240 V
(full-range)
+5 V @ 25 A, +3.3 V @ 14 A
+12 V @ 16 A, -12 V @ 1 A
-5 V @ 0.5 A, +5 Vsb @ 2 A
+5 V @ 3 A, +12 V @ 2 A
-5V @ 0.05 A, -12 V @ 0.05 A
+3.3 V @ 1 A, +5 Vsb @ 0.1 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
Dimensions
IPC-6806S IPC-6806 IPC-6806W
A
285
393
393
B
290
398
398
C
191
166
198
D
221
196
228
E
170
170
213
F
178
178
221
Dimensions
IPC-6806 IPC-6806W IPC-6806S
G
305
305
199
H
282
282
176.2
I
23
23
24
J
180.6
212.6
205.6
K
196
228
221
A B
E F
C
D
G
8-Ø5.2
8-Ø10
J
K
H
I
I


Similar Part No. - IPC-6806BP-25ZCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
IPC-6806-25DE ADVANTECH-IPC-6806-25DE Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full/Half-Sized Slot SBC
IPC-6806-25DE ADVANTECH-IPC-6806-25DE Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
IPC-6806S ADVANTECH-IPC-6806S Datasheet
128Kb / 2P
   6-slot Desktop/Wallmount Chassis with Open Frame PFC Power Supply
20-Mar-2006
IPC-6806S ADVANTECH-IPC-6806S Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
More results

Similar Description - IPC-6806BP-25ZCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806S ADVANTECH-IPC-6806S Datasheet
128Kb / 2P
   6-slot Desktop/Wallmount Chassis with Open Frame PFC Power Supply
20-Mar-2006
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608_12 Datasheet
2Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608 Datasheet
1Mb / 2P
   8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
MBPC-641 ADVANTECH-MBPC-641 Datasheet
441Kb / 1P
   4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
   6-Slot Desktop/Wallmount Chassis for Half-Size SBC
IPC-644 ADVANTECH-IPC-644 Datasheet
325Kb / 1P
   4-Slot Ultra-Compact Wallmount/Desktop Chassis with 150 W ATX Power Supply
MBPC-641 ADVANTECH-MBPC-641_1 Datasheet
114Kb / 1P
   4-slot MicroBox Desktop/Wallmount Chassis with Open Frame AC, DC Power Supply
IPC-5122 ADVANTECH-IPC-5122 Datasheet
652Kb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard with PS/2 Power Supply
12-Aug-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com