Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH5018151YL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SH5018151YL
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH5018151YL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SH5018151YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SH5018151YL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SH5018□□□□L□-□□□
SPECIFICATION FOR APPROVAL
AR-001A
NAME
PROD.
Ⅸ﹒RELIABILITY TEST:
REF : 20080801-A
POWER INDUCTOR
SHIELDED SMD
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 6
More than 95% of the
Electrical oharacteristics shall
Humidity test
Resistance test
High temp.
Solderability
Test item
( Temp. cycle )
Thermal shock test
Specification
than ±20%
not change more
terminal electrode
Shall be covered
With fresh solder.
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Temperature : 105±5℃
Time : 96 hours
Applied current : Per spec.
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
30 minutes
30 minutes
+105 ℃
Test condition
Flux : Rosin
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Room temp.
15 minutes
15 minutes
Room temp.
Preheat : 155
/ 4 hours.
-40 ℃


Similar Part No. - SH5018151YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH5028100YL ABC-SH5028100YL Datasheet
122Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH5028101YL ABC-SH5028101YL Datasheet
122Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH5028120YL ABC-SH5028120YL Datasheet
122Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH5028150YL ABC-SH5028150YL Datasheet
122Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH5028151YL ABC-SH5028151YL Datasheet
122Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH5018151YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com