Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6025BP-00XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-6025BP-00XE
Description  5-slot Desktop/Wallmount Chassis with Scalability for Multi-system Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6025BP-00XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-6025BP-00XE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6025BP-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
All product specifications are subject to change without notice
Last updated : 31-July-2009
Features
IPC-6025
5-slot Desktop/Wallmount Chassis
with Scalability for Multi-system Solution
An ultra compact desktop chassis with scalability to a 5U quad-system
rackmount chassis
LED indicators and alarm notification for system fault detection, including
power, HDD, temperature and fan
Shock-resistant disk drive bay to hold two 3.5” disk drives (one external and
two internal)
Supports 5-slot PICMG 1.3/1.0 full-size passive backplane
Adopts 1U 270W power supply
Optional one rackmount carrier for multi-system solution
Specifications
Drive Bay
Front-accessible
Internal
3.5"
1
1
2.5"
-
2 (Optional with special bracket)
Cooling
Fan
1 (9 cm / 53 CFM)
Air Filters
Yes
Front I/O Interface
USB
2
Miscellaneous
LED Indicators
Power, HDD, temperature, fan
Control
Power switch and system reset buttons
Rear Panel
Reserved Two 9-pin D-Sub openings
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
111 x 212 x 420 mm (4.4" x 8.3" x 16.5")
Weight
4.7 kg (10.3 lb)
Front View
Rear View
4 IPC-6025 combined as a Quad-system
5U Rackmount Chassis
NEW


Similar Part No. - IPC-6025BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6025BP-27ZE ADVANTECH-IPC-6025BP-27ZE Datasheet
727Kb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability for 5U Multi-system Solution
IPC-6025BP-27ZE ADVANTECH-IPC-6025BP-27ZE Datasheet
1Mb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability as 5U Quad-System Solution
IPC-6025BP-27ZE ADVANTECH-IPC-6025BP-27ZE Datasheet
1Mb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability as 5U Quad-System Solution
IPC-6025BP-40ZE ADVANTECH-IPC-6025BP-40ZE Datasheet
1Mb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability as 5U Quad-System Solution
More results

Similar Description - IPC-6025BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6025 ADVANTECH-IPC-6025_13 Datasheet
727Kb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability for 5U Multi-system Solution
IPC-6025BP-27ZE ADVANTECH-IPC-6025BP-27ZE Datasheet
1Mb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability as 5U Quad-System Solution
IPC-6025 ADVANTECH-IPC-6025_17 Datasheet
1Mb / 2P
   5-Slot Desktop/Wallmount Chassis with Scalability as 5U Quad-System Solution
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
logo
AAEON Technology
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
   5-Slot Wallmount Chassis
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com