Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6006S Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-6006S
Description  6-slot Card Cage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6006S Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-6006S Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Slot CPU Cards
All product specifications are subject to change without notice
Last updated : 20-Mar-2006
IPC-6006S
6-slot Card Cage
 Adjustable hold-down clamp protects cards from vibration
 Plug-in termination resistors for high-speed signals
 Terminal-block connectors supply power from board
 Equipped with a 6-slot passive backplane (optional)
 Mounting holes provided for installing one 250-watt PS/2 power supply
(optional), one HDD (optional) and one cooling fan
Applications
 OEM PC enclosure
 Wallmount PC controller
 Unattended run-only controller (requires CPU card and PCD-890 dual Flash/RAM
ROM disk card)
 RTU (remote terminal unit) for a PC-based data acquisition and control system
Specifications
Construction
Heavy-duty steel
Weight
1.6 kg (3.5 lbs)
Backplane (PCA-6106)
Slots
6-slot ISA bus slots
Board
4-layer PCB
Indicators
LEDs for +5 V, +12 V, -5 V and -12 V
Ordering Information
IPC-6006S
Half-sized PC-bus card cage with 6-slot PCA-6106
backplane
Model
Assembled
Shipping Size
(W x D x H)
(W x D x H)
IPC-6006S
158 x 186 x 215 mm
50 x 170 x 240 mm
(6.2” x 7.3” x 8.4”)
(2.0” x 6.7” x 9.4”)


Similar Part No. - IPC-6006S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6006S ADVANTECH-IPC-6006S Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
IPC-6006S-BAREE ADVANTECH-IPC-6006S-BAREE Datasheet
473Kb / 1P
   6-Slot Card Cage
IPC-6006S-BAREE ADVANTECH-IPC-6006S-BAREE Datasheet
2Mb / 2P
   6-Slot Backplane Card Cage
IPC-6006S-BAREE ADVANTECH-IPC-6006S-BAREE Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
IPC-6006SE ADVANTECH-IPC-6006SE Datasheet
473Kb / 1P
   6-Slot Card Cage
More results

Similar Description - IPC-6006S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6006 ADVANTECH-IPC-6006 Datasheet
473Kb / 1P
   6-Slot Card Cage
IPC-6006 ADVANTECH-IPC-6006_12 Datasheet
2Mb / 2P
   6-Slot Backplane Card Cage
IPC-6006 ADVANTECH-IPC-6006_13 Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
logo
VITALCONN ELECTRONICS H...
SC16A VITALCONN-SC16A Datasheet
471Kb / 4P
   SFP1*6 CAGE
SC262 VITALCONN-SC262 Datasheet
445Kb / 3P
   SFP2*6 CAGECONN
SC264 VITALCONN-SC264 Datasheet
502Kb / 3P
   SFP2*6 CAGECONN
SC16B VITALCONN-SC16B Datasheet
598Kb / 4P
   SFP1*6 CAGE
SC263 VITALCONN-SC263 Datasheet
490Kb / 3P
   SFP2*6 CAGECONN
SC261 VITALCONN-SC261 Datasheet
437Kb / 3P
   SFP2*6 CAGECONN
logo
Pulse A Technitrol Comp...
SFP005-03-L PULSE-SFP005-03-L Datasheet
425Kb / 4P
   SFP 2 BY 6 CAGECONNECTOR_P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com