Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC4012FT-470MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC4012FT-470MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC4012FT-470MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPC4012FT-470MZF Datasheet HTML 1Page - Superworld Electronics SPC4012FT-470MZF Datasheet HTML 2Page - Superworld Electronics SPC4012FT-470MZF Datasheet HTML 3Page - Superworld Electronics SPC4012FT-470MZF Datasheet HTML 4Page - Superworld Electronics SPC4012FT-470MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
30.12.2009
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self-temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPC4012FT-1R0 ZF
Inductance
1.0
( uH )
IDC1
( m )
0.1V/100K
42
2.30
( A )
RDC
IDC2
1.90
( A )
( Hz )
Frequency
Test
±20%
1.5
0.1V/100K
57
2.2
0.1V/100K
86
SPC4012FT-1R5 ZF
SPC4012FT-2R2 ZF
1.70
1.55
1.90
1.50
SMD POWER INDUCTORS
SPC4012FT SERIES
SPC4012FT-3R3ZF
3.3
0.1V/100K
100
1.30
1.40
4.7
0.1V/100K
130
6.8
0.1V/100K
180
SPC4012FT-4R7 ZF
SPC4012FT-6R8 ZF
1.25
1.05
1.10
0.95
SPC4012FT-100ZF
10
0.1V/100K
280
0.75
0.80
15
0.1V/100K
390
22
0.1V/100K
530
SPC4012FT-150ZF
SPC4012FT-220ZF
0.70
0.60
0.65
0.55
SPC4012FT-330ZF
33
0.1V/100K
850
0.45
0.40
47
0.1V/100K
1140
SPC4012FT-470ZF
0.35
0.38
c) Rated Current : IDC1 or IDC2, whichever value is lower
Tolerance
N
N
M, N
N
M
M
M
M
M
M
M
Marking
A
C
E
G
I
K
M
O
Q
S
U
Tolerance code :
: M = ±20%
N = ±30%


Similar Part No. - SPC4012FT-470MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPC4012FT-R47NZF SUPERWORLD-SPC4012FT-R47NZF Datasheet
625Kb / 6P
   Low Profile Power Inductors
More results

Similar Description - SPC4012FT-470MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com