Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41695A8227Q007 Datasheet(PDF) 8 Page - EPCOS

Part # B41695A8227Q007
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41695A8227Q007 Datasheet(HTML) 8 Page - EPCOS

Back Button B41695A8227Q007 Datasheet HTML 4Page - EPCOS B41695A8227Q007 Datasheet HTML 5Page - EPCOS B41695A8227Q007 Datasheet HTML 6Page - EPCOS B41695A8227Q007 Datasheet HTML 7Page - EPCOS B41695A8227Q007 Datasheet HTML 8Page - EPCOS B41695A8227Q007 Datasheet HTML 9Page - EPCOS B41695A8227Q007 Datasheet HTML 10Page - EPCOS B41695A8227Q007 Datasheet HTML 11Page - EPCOS B41695A8227Q007 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1) IAC,max (10 kHz, 150
°C) measured at V
R = 20 V DC, 35 V DC, 50 V DC instead of VR = 25 V DC, 40 V DC, 63 V DC.
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max1)
10 kHz
150
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
680
190
320
2800
240
220
3.2
2.75
2.1
1.4
0.7
1000
135
230
1900
170
160
3.6
3.1
2.35
1.55
0.75
1500
90
155
1200
115
105
4.7
4.0
3.0
2.05
1.0
2200
65
110
950
85
80
5.8
5.0
3.8
2.5
1.2
3300
45
75
700
58
55
8.1
7.0
5.3
3.5
1.7
3300
40
70
700
53
50
8.1
7.0
5.3
3.5
1.7
5000
28
48
500
36
35
11.5
10
7.5
5.0
2.5
6800
22
36
350
28
28
14.5
12.6
9.5
6.3
3.1
VR = 40 V DC
470
175
290
3000
185
180
3.5
3.0
2.3
1.5
0.75
680
125
205
2200
135
130
4.4
3.8
2.85
1.9
0.85
1000
90
145
1500
95
91
5.3
4.6
3.45
2.3
1.15
1500
60
100
1000
65
62
7.3
6.4
4.8
3.2
1.6
2200
45
75
700
50
48
8.3
7.2
5.4
3.6
1.8
2200
41
68
700
45
44
8.5
7.3
5.5
3.7
1.8
3300
28
45
500
30
30
12.0
10.4
7.8
5.2
2.6
4400
22
35
350
23
25
15.2
13.3
9.9
6.6
3.3
VR = 63 V DC
220
250
410
3000
200
190
3.4
2.95
2.2
1.5
0.75
330
170
275
2200
140
133
4.3
3.75
2.8
1.9
0.95
470
120
200
1500
100
105
5.1
4.5
3.3
2.25
1.1
680
85
140
1100
70
67
7.1
6.2
4.6
3.1
1.5
1000
62
100
750
55
54
8.2
7.1
5.4
3.6
1.8
1100
53
87
700
45
45
8.4
7.3
5.5
3.7
1.8
1800
34
55
500
30
30
12.2
10.6
7.9
5.3
2.6
2200
27
45
360
24
24
15.2
13.2
9.9
6.6
3.3
B41695, B41795
Compact
up to 150
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41695A8227Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41695A8227Q007 EPCOS-B41695A8227Q007 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695A8227Q007 EPCOS-B41695A8227Q007 Datasheet
481Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41695A8227Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com