Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH3016100YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH3016100YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH3016100YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH3016100YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH3016100YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF : 20080801-A
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
DWG No.
Inductance
( μH )
RDC
max.
(mΩ)
IDC
typ.
(mA)
SH30161R5YL□-□□□
1.5 ±30%
45.0
1450.0
SH30162R5YL□-□□□
2.5±30%
65.0
1150.0
SH30163R6YL□-□□□
SH30164R7YL□-□□□
4.7 ±30%
3.6 ±30%
90.0
900.0
120.0
800.0
15.0 ±30%
22.0 ±30%
10.0 ±30%
6.8 ±30%
SH3016220YL□-□□□
SH3016150YL□-□□□
SH30166R8YL□-□□□
SH3016100YL□-□□□
510.0
340.0
360.0
430.0
170.0
660.0
240.0
520.0
SH3016330YL□-□□□
33.0 ±30%
290.0
780.0
3). Inductance Test Freq. :100KHz /0.1V
4). IDC Base on Tenp. rese 30℃ max. & △L/L0A=35% typ.
SH3016□□□□L□-□□□
100.0 ±30%
68.0 ±30%
47.0 ±30%
SH3016680YL□-□□□
SH3016101YL□-□□□
SH3016470YL□-□□□
1800.0
2400.0
1200.0
200.0
160.0
230.0
1).
:Packaging information… A:Bulk B:Taping Reel
POWER INDUCTOR
AR-001A
□□
2)."-
":Reference code


Similar Part No. - SH3016100YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH3011100Y2 ABC-SH3011100Y2 Datasheet
497Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH3011100YL ABC-SH3011100YL Datasheet
158Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH3011101YL ABC-SH3011101YL Datasheet
158Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH3011150Y2 ABC-SH3011150Y2 Datasheet
497Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH3011150YL ABC-SH3011150YL Datasheet
158Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH3016100YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com