Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH016A0X3-SR Datasheet(PDF) 15 Page - Lineage Power Corporation

Part # AXH016A0X3-SR
Description  3.0 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH016A0X3-SR Datasheet(HTML) 15 Page - Lineage Power Corporation

Back Button AXH016A0X3-SR Datasheet HTML 11Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 12Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 13Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 14Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 15Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 16Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 17Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 18Page - Lineage Power Corporation AXH016A0X3-SR Datasheet HTML 19Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
August 12, 2008
Austin SuperlynxTM SMT Non-isolated Power Modules:
3.0 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
LINEAGE POWER
15
Thermal Considerations
Power modules operate in a variety of thermal
environments; however, sufficient cooling should always
be provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of the
module will result in an increase in reliability. The thermal
data presented here is based on physical measurements
taken in a wind tunnel. The test set-up is shown in Figure
34. Note that the airflow is parallel to the short axis of the
module as shown in figure 33. The derating data applies
to airflow in either direction of the module’s short axis.
Air Flow
T
ref
Top View
Bottom View
Figure 33. Tref Temperature measurement location.
The thermal reference point, Tref used in the
specifications is shown in Figure 33. For reliable
operation this temperature should not exceed 115
oC.
The output power of the module should not exceed the
rated power of the module (Vo,set x Io,max).
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules” for a detailed discussion of
thermal aspects including maximum device temperatures.
Figure 34. Thermal Test Set-up.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. Thermal derating curves showing
the maximum output current that can be delivered at
different local ambient temperatures (TA) for airflow
conditions ranging from natural convection and up to
2m/s (400 ft./min) are shown in the Characteristics
Curves section.
Layout Considerations
Copper paths must not be routed beneath the power
module. For additional layout guide-lines, refer to the
FLTR100V10 application note.
Air
flow
x
Power Module
Wind Tunnel
PWBs
5.97_
(0.235)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)


Similar Part No. - AXH016A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH016A0X3-12 LINEAGEPOWER-AXH016A0X3-12 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
More results

Similar Description - AXH016A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com