Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR060A0X43Z Datasheet(PDF) 18 Page - Lineage Power Corporation

Part # NSR060A0X43Z
Description  5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR060A0X43Z Datasheet(HTML) 18 Page - Lineage Power Corporation

Back Button NSR060A0X43Z Datasheet HTML 10Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 11Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 12Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 13Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 14Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 15Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 16Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 17Page - Lineage Power Corporation NSR060A0X43Z Datasheet HTML 18Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Data Sheet
September 27, 2009
Naos Raptor 60A: Non Isolated Power Modules
5 – 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
LINEAGE POWER
18
Document No: DS06-129 ver. 1.05
PDF name: NSR060A0X_ds.pdf
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features.
Table 5. Device Codes
Device Code
Input
Voltage Range
Output
Voltage
Output
Current
On/Off
Logic
Connector Type
Comcode
NSR060A0X43Z
5 – 13.8Vdc
0.6 – 5.0Vdc
60 A
Positive
SIP
CC109130936
NSR060A0X43-49Z*
5 – 13.8Vdc
0.6 – 5.0Vdc
60 A
Positive
SIP
CC109138236
NSR060A0X543-37Z*
5 – 13.8Vdc
0.6 – 5.0Vdc
60 A
Positive
SIP
CC109150942
Z refers to RoHS-compliant versions.
* Special codes, consult factory before ordering
Table 6. Device Options
Option
Suffix
Long Pins
5.08 mm ± 0.25 mm
[0.2 ± 0.010 in.]
5
World Wide Headquarters
Lineage Power Corporation
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-284-2626)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6416 4283
Europe, Middle-East and Africa Headquarters
Tel: +49 89 6089 286
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
© 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.


Similar Part No. - NSR060A0X43Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR060A0X43Z LINEAGEPOWER-NSR060A0X43Z Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
More results

Similar Description - NSR060A0X43Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ Datasheet
658Kb / 26P
   8 - 16Vdc input; 0.6Vdc to 8.0Vdc output; 4A output current
APTH012A0X3-SRZ LINEAGEPOWER-APTH012A0X3-SRZ Datasheet
643Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com