Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH20113R3YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH20113R3YL
Description  SHIELDED SMD SHIELDED SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH20113R3YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH20113R3YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH20113R3YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH20113R3YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH20113R3YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH20113R3YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH20113R3YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
4). Irms base on Temp. rise 40
max.
5). Isat base on
L / LOA=35% typ.
SH2011220YL□
SH2011100YL□
SH2011150YL□
SH20116R8YL□
SH20114R7YL□
22.0 ± 30 %
15.0 ± 30 %
10.0 ± 30 %
6.8 ± 30 %
4.7 ± 30 %
SH20113R3YL□
SH20111R5YL□
SH20111R0YL□
DWG No.
1.0 ± 30 %
3.3 ± 30 %
1.5 ± 30 %
Inductance
( µH )
1850
740
520
10
10
2.52
2.52
8
10
8
7.96
2.52
7.96
35
50
1420
1000
70
60
85
570
910
400
220
450
375
550
620
190
240
290
320
410
320
135
max.
85
( mΩ )
RDC
7.96
6
6
7.96
7.96
Test Freq.
Q
ref.
( MHz )
65
190
150
100
105
245
( MHz )
typ.
SRF
typ.
875
1100
( mA )
Irms
max.
1200
850
500
675
( mA )
Isat
typ.
1).
Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
Marking
J
I
H
G
F
A
E
C
DC Current (mA)
2
1
7
5
10
100
23
5
1R0
10
7
2
7
5
3
2
101
5
7
3
102
100
220
10
23
5 7
3
23
5
10
7
4
2
@ Inductance VS. DC Currrent Curve
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SH2011□□□□L□-□□□
6
1300
1185
20070101-A


Similar Part No. - SH20113R3YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH2013100YL ABC-SH2013100YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013150YL ABC-SH2013150YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20131R0YL ABC-SH20131R0YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013220YL ABC-SH2013220YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20132R2YL ABC-SH20132R2YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH20113R3YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com