Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-8920BLWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-8920BLWG
Description  1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-8920BLWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-8920BLWG Datasheet HTML 1Page - Optoway Technology Inc SPB-8920BLWG Datasheet HTML 2Page - Optoway Technology Inc SPB-8920BLWG Datasheet HTML 3Page - Optoway Technology Inc SPB-8920BLWG Datasheet HTML 4Page - Optoway Technology Inc SPB-8920BLWG Datasheet HTML 5Page - Optoway Technology Inc SPB-8920BLWG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-8920LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V2.0
1
SPB-8920LWG / SPB-8920BLWG / SPB-8920ALWG
(RoHS Compliant)
1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Up to 4.25 Gb/s
l Compliant with Fibre Channel FC-PI 400/200/100
l Compliant with IEEE 802.3ah-2004 1000BASE-BX
l Simplex LC Connector
l 1490 nm DFB LD Transmitter
l 1310 nm Receiver
l Up to 20 km on 9/125
µm SMF
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-8920LWG
l -10 to 85oC Operating: SPB-8920BLWG
l -40 to 85oC Operating: SPB-8920ALWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Fibre Channel Links
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
DESCRIPTION
The SPB-8920LWG series is small form factor pluggable
module for 4x/2x/1x Fibre Channel and 1000BASE-BX
Gigabit Ethernet single fiber communications by using 1490
nm transmitter and 1310 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C series bus
specified in the SFP MSA SFF-8472.
The transmitter
section uses a multiple quantum well 1490 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1310 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-8920LWG
4 / 2 / 1
20
1490 DFB
1310
LC SFP with DMI
0 to 70
0 to -5
-18
Yes
SPB-8920BLWG
4 / 2 / 1
20
1490 DFB
1310
LC SFP with DMI
-10 to 85
0 to -5
-18
Yes
SPB-8920ALWG
4 / 2 / 1
20
1490 DFB
1310
LC SFP with DMI
-40 to 85
0 to -5
-18
Yes


Similar Part No. - SPB-8920BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-8920BLWG OPTOWAY-SPB-8920BLWG Datasheet
147Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-8920BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-8910LWG OPTOWAY-SPB-8910LWG Datasheet
152Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8810LWG OPTOWAY-SPB-8810LWG Datasheet
152Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8820LWG OPTOWAY-SPB-8820LWG_08 Datasheet
150Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8840LWG OPTOWAY-SPB-8840LWG_08 Datasheet
152Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8940LWG OPTOWAY-SPB-8940LWG_08 Datasheet
152Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8805LWG OPTOWAY-SPB-8805LWG_08 Datasheet
152Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8905LWG OPTOWAY-SPB-8905LWG_08 Datasheet
152Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SMLC SFP Transceiver
SPB-8805LG OPTOWAY-SPB-8805LG_08 Datasheet
151Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8820LG OPTOWAY-SPB-8820LG_08 Datasheet
151Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps 1-Fiber SMLC SFP Transceiver
SPB-8940LG OPTOWAY-SPB-8940LG_08 Datasheet
151Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps 1-Fiber SMLC SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com