Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1358101YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SF1358101YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF1358101YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SF1358101YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF1358101YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATION FOR APPROVAL
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 4
PROD.
NAME
DWGING NUMBER EXPRESSION
Ⅷ﹒
SF1358□□□□L□-□□□
Appendix code 1 : Classification
Electrical code
Dimension code
Type code
Reference code
Tolerance code
Appendix code 2 : Package
Appendix code 2 Package Information
L Lead Free Standard products comply with RoHS' requirements
1 ~ 9 Lead Free Special products comply with RoHS' requirements
Appendix code 1 Product Classification
SMD LINE FILTER
S
3
F1
5
8
T / R ( Reel package )
B600
pcs
Inner package
Code
A
T.B.D.
T.B.D.
Inner package Q'TY
Remark
AE-001A


Similar Part No. - SF1358101YL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF13 MOSPEC-SF13 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF13 SAMYANG-SF13 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Diotech Company.
SF13 DIOTECH-SF13 Datasheet
677Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
GOOD-ARK Electronics
SF13 GOOD-ARK-SF13 Datasheet
227Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF13 TSC-SF13 Datasheet
377Kb / 4P
   Super Fast Rectifiers
More results

Similar Description - SF1358101YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com