Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0904102YP Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SF0904102YP
Description  SMD LINE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0904102YP Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SF0904102YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 8Page - ABC Taiwan Electronics Corp SF0904102YP Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
User direction of feed
Outer : Carton
G.W. (Kg)
AR-001A
Q'TY (pcs)
1,500
( 3 ) Q'TY & G.W. Per package
Series
SF0904
( 2 ) Dimensions
13 - 16
Style
330
A
Style
13 - 16
G.W. (gw)
600
Inner : Reel
Q'TY (pcs)
9000
C
13±0.5
21±0.8
B
16
D
Size (cm)
40 x 40 x 24
8.0
+0
18
G
-0
50
N
22.4
T
Unit:m/m
Components
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier tape width : D
200 m/m min.
Leader
no component
G
C
SMD LINE FILTER
2.0±0.5
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
REF :
T
no component
400 m/m min
Trailer
Embossed carrier
D
PAGE: 5
Cover Tape
End
Start
P:8 m/m
4 m/m
SF0904□□□□P□-□□□


Similar Part No. - SF0904102YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0903200Y2B ABC-SF0903200Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF0905102YL ABC-SF0905102YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF0905202YL ABC-SF0905202YL Datasheet
136Kb / 7P
   SMD LINE FILTER
More results

Similar Description - SF0904102YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com