Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB22076R8ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SB22076R8ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB22076R8ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB22076R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB22076R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB22076R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB22076R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB22076R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB22076R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Components
200 m/m min.
400 m/m min.
G
34
6.8
G.W. (kg)
Outer : Carton
AE-001A
Inner : Reel
3. Q'TY & G.W. Per package :
Series
SB2207
250
Q'TY (pcs)
2. Dimensions : (m/m)
Style
13 - 32
A
330
13 - 32
G.W. (gw)
1,250
Style
1,000
Q'TY (pcs)
User direction of feed
13±0.5
B
21±0.8
C
32
D
Size (cm)
40 x 40 x 24
100
+0
N
-0
T
38.4
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier tape width:D
no component
C
Leader
End
4 m/m
P: 20m/m
G
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
SMD POWER INDUCTOR
1. Configuration :
NAME
PROD.
REF :
T
Trailer
no component
Start
Embossed carrier
Cover tape
SB2207□□□□L□-□□□
PAGE: 3


Similar Part No. - SB22076R8ML

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Vishay Siliconix
SB220 VISHAY-SB220 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Semikron International
SB220 SEMIKRON-SB220 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Microdiode Electronics ...
SB220 CHENDA-SB220 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB22076R8ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com