Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB5014330ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB5014330ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB5014330ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB5014330ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB5014330ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1000
AR-001A
0.1
0.01
1
100
10
3R3
DC Current ( A )
0.1
1
10
100
330
101
3).Inductance Test Freq : 100KHz / 1V
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
@ Inductance VS. DC Superposition Characteristics
SMD POWER INDUCTOR
1). □:Packaging information … A:Bulk B:Taping Reel
SB50146R8ML□-□□□
6.8±20%
100.0±20%
SB5014101ML□-□□□
2). "-
":Reference code
Isat Bae on
L/L0A=10 % typ.
4). Irms Base on Temp. rise 40
typ.
□ □
SB5014220ML□-□□□
SB5014100ML□-□□□
SB5014150ML□-□□□
SB5014680ML□-□□□
SB5014330ML□-□□□
SB5014470ML□-□□□
33.0±20%
47.0±20%
68.0±20%
22.0±20%
10.0±20%
15.0±20%
PROD.
NAME
REF :
SB50143R3ML□-□□□
SB50144R7ML□-□□□
SB50141R0ML□-□□□
SB50142R2ML□-□□□
DWG No.
3.3±20%
4.7±20%
2.2±20%
( µH )
Inductance
1.0±20%
100K
1.05
0.150
1.15
100K
1.950
100K
100K
100K
100K
100K
100K
0.890
0.625
1.250
0.430
0.185
0.300
0.22
0.28
0.35
0.46
0.66
0.53
1.00
0.80
0.35
0.30
0.45
0.65
0.60
0.90
SB5014□□□□L□-□□□
100K
100K
100K
( Hz )
Test Freq.
100K
0.105
0.078
0.058
(Ω )
max.
RDC
0.032
ABC'S ITEM NO.
ABC'S DWG NO.
1.72
1.40
( A )
typ.
Isat
2.80
2.10
1.60
1.20
1.80
( A )
typ.
2.50
Irms
PAGE: 2


Similar Part No. - SB5014330ML

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB501 DEC-SB501 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
logo
ABC Taiwan Electronics ...
SB5011100ML ABC-SB5011100ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011101ML ABC-SB5011101ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011150ML ABC-SB5011150ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB50111R0ML ABC-SB50111R0ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB5014330ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com