Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM252082NJ3 Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # CM252082NJ3
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM252082NJ3 Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  CM252082NJ3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM252082NJ3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
current to inductor for a period of
1﹒Applied the allowed DC current for
Inductors shall be dropped 10 times from
a height of 1m onto 3cm wooden board
2﹒Temperature measure by digital
Applied 2 times of rated allowed DC
inductors terminal and coating for 5 seconds
AC voltage of 1000VAC applied between
100 VDC applied between inductor terminal
2﹒Frequency:10 -- 55 -- 10 Hz / 1min.
Test condition / Test method
□HP4194A with HP-16034E test fixture
Inductance change shall be less than 10%
to initial value & temperature rise shall
CM2520□□□□3□-□□□
SPECIFICATION FOR APPROVAL
□HP4291A with HP-16093A test fixture
AR-001A
Mechanical performance test
Resistance to
soldering heat
Shock test
voltage test
Vibration test
( Low frequency )
resistance test
Insulation
Over load test
Withstanding
Temperature
rise test
3﹒Q Shall not change
2﹒Inductance shall
more than ±20%
than±5%
not change more
Temp:260±5℃
Time:10±1.0 sec.
of electrical and
1﹒Inductors shall be
1000 MΩ min﹒
mechanical damage
mechanical damage
no evidence of
electrical and
After test,Inductors
After tset,Inductors
shall be no evidence
of electrical and
mechanical damage
shall be no evidence
20
max.
1﹒Amplitude:1.5 m/m
3﹒Direction:X,Y,Z
4﹒Duration:2 hrs / X,Y,Z
10 minutes
surface thermometer
5 minutes
Ⅷ﹒RELIABILITY TEST:
DC Resistance RDC
Electrical performance test
Rated current IDC
Self resonance
frequency SRF
Test item
Inductance L
NAME
PROD.
REF :
WOUND CHIP INDUCTOR
Q
electrical
Refer to standard
characteristic list
Specification
not be more than 20℃
Applied the current to coils,The
CH-502AC
ABC'S DWG NO.
ABC'S ITEM NO.
and coating
PAGE: 5
20080718-A


Similar Part No. - CM252082NJ3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM252016-100K BOURNS-CM252016-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
   High resistance to heat and humidity
CM252016-100KL BOURNS-CM252016-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM252016-101K BOURNS-CM252016-101K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-101KL BOURNS-CM252016-101KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM252082NJ3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com